Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R8C/18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 186Page - Renesas Technology Corp R8C/18 Datasheet HTML 187Page - Renesas Technology Corp R8C/18 Datasheet HTML 188Page - Renesas Technology Corp R8C/18 Datasheet HTML 189Page - Renesas Technology Corp R8C/18 Datasheet HTML 190Page - Renesas Technology Corp R8C/18 Datasheet HTML 191Page - Renesas Technology Corp R8C/18 Datasheet HTML 192Page - Renesas Technology Corp R8C/18 Datasheet HTML 193Page - Renesas Technology Corp R8C/18 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 175 of 233
REJ09B0222-0130
Figure 17.2
Flash Memory Block Diagram for R8C/19 Group
0C000h
User ROM area
0DFFFh
0E000h
0FFFFh
Boot ROM area
(reserved area)(2)
0E000h
0FFFFh
NOTES:
1.
When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled) and the FMR15 bit in the
FMR1 register to 0 (rewrite enabled), block 0 is rewritable. When the FMR16 bit is set to 0 (rewrite
enabled), block 1 is rewritable (only for CPU rewrite mode).
2. This area is for storing the boot program provided by Renesas Technology.
02400h
02BFFh
0D000h
User ROM area
0DFFFh
0E000h
0FFFFh
02400h
02BFFh
Block 1: 8 Kbytes(1)
Block 0: 8 Kbytes(1)
8 Kbytes
Block B: 1 Kbyte
Block A: 1 Kbyte
Block 1: 4 Kbytes(1)
Block 0: 8 Kbytes(1)
Block B: 1 Kbyte
Block A: 1 Kbyte
12 Kbyte ROM product
16 Kbyte ROM product
User ROM area
0E000h
0FFFFh
02400h
02BFFh
Block 0: 8 Kbytes(1)
Block B: 1 Kbyte
Block A: 1 Kbyte
8 Kbyte ROM product
0F000h
User ROM area
0FFFFh
02400h
02BFFh
Block 0: 4 Kbytes(1)
Block B: 1 Kbyte
Block A: 1 Kbyte
4 Kbyte ROM product
Program ROM
Program ROM
Data flash
Data flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com