| Electronic Components Datasheet Search |
|
R8C/18 Datasheet(PDF) 216 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/18 Datasheet(HTML) 216 Page - Renesas Technology Corp |
|
216 / 257 page ![]() R8C/18 Group, R8C/19 Group 17. Flash Memory Version Rev.1.30 Apr 14, 2006 Page 201 of 233 REJ09B0222-0130 NOTES: 1. Do not use the address match interrupt while a command is executing because the vector of the address match interrupt is allocated in ROM. 2. Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed vector is allocated in block 0. 17.7.1.4 How to Access Write 0 before writing 1 when setting the FMR01, FMR02, or FMR11 bit to 1. Do not generate an interrupt between writing 0 and 1. 17.7.1.5 Rewriting User ROM Area In EW0 Mode, if the supply voltage drops while rewriting any block in which a rewrite control program is stored, it may not be possible to rewrite the flash memory because the rewrite control program cannot be rewritten correctly. In this case, use standard serial I/O mode. 17.7.1.6 Program Do not write additions to the already programmed address. 17.7.1.7 Entering Stop Mode or Wait Mode Do not enter stop mode or wait mode during erase-suspend. Table 17.10 EW1 Mode Interrupts Mode Status When Maskable Interrupt Request is Acknowledged When Watchdog Timer, Oscillation Stop Detection and Voltage Monitor 2 Interrupt Request are Acknowledged EW1 During auto-erasure (erase- suspend function enabled) Auto-erasure is suspended after td(SR-ES) and interrupt handing is executed. Auto-erasure can be restarted by setting the FMR41 bit in the FMR4 register to 0 (erase restart) after interrupt handing completes. Once an interrupt request is acknowledged, auto-programming or auto-erasure is forcibly stopped immediately and the flash memory is reset. Interrupt handing starts after the fixed period and the flash memory restarts. Since the block during auto-erasure or the address during auto-programming is forcibly stopped, the normal value may not be read. Execute auto-erasure again and ensure it completes normally. Since the watchdog timer does not stop during the command operation, interrupt requests may be generated. Reset the watchdog timer regularly using the erase-suspend function. During auto-erasure (erase- suspend function disabled) Auto-erasure has priority and the interrupt request acknowledgement is put on standby. Interrupt handing is executed after auto-erasure completes. During auto-programming (program suspend function enabled) Auto-programming is suspended after td(SR-SUS) and interrupt handing is executed. Auto-programming can be restarted by setting the FMR42 bit in the FMR4 register to 0 (program restart) after interrupt handing completes. During auto-programming (program suspend function disabled) Auto-programming has priority and the interrupt request acknowledgement is put on standby. Interrupt handing is executed after auto-programming completes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |