Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # R8C/18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 249Page - Renesas Technology Corp R8C/18 Datasheet HTML 250Page - Renesas Technology Corp R8C/18 Datasheet HTML 251Page - Renesas Technology Corp R8C/18 Datasheet HTML 252Page - Renesas Technology Corp R8C/18 Datasheet HTML 253Page - Renesas Technology Corp R8C/18 Datasheet HTML 254Page - Renesas Technology Corp R8C/18 Datasheet HTML 255Page - Renesas Technology Corp R8C/18 Datasheet HTML 256Page - Renesas Technology Corp R8C/18 Datasheet HTML 257Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 253 / 257 page
background image
C - 5
REVISION HISTORY
R8C/18 Group, R8C/19 Group Hardware
1.20
Nov 01, 2005
92
Figure 12.19 AIER, RMAD0 to RMAD1 Registers;
Address Match Interrupt Enable Register and Address Match Interrupt
Register i(i=0, 1) revised
102
Figure 14.1 Block Diagram of Timer X;
“Peripheral data bus”
→ “Data Bus” revised
115
14.1.6 Precautions on Timer X;
“When writing “1” (count starts) to ... writing “1” to the TXS bit.”
→
‘ “0” (count stops) can be read ... after the TXS bit is set to “1”.’ revised
116
Figure 14.11 Block Diagram of Timer Z;
“Peripheral Data Bus”
→ “Data Bus” revised
133
14.2.5 Precautions on Timer Z;
“When writing “1” (count starts) to ... writing “1” to the TZS bit.”
→
‘ “0” (count stops) can be read ... after the TZS bit is set to “1”.’ revised
147
Figure 15.3 U0TB to U1TB, U0RB to U1RB and U0BRG to U1BRG
Registers;
“UARTi Transmit Buffer Register (i=0 to 1)” and “UARTi Receive Buffer
Register (i=0 to 1)” revised
150
Figure 15.6 U0C1 to U1C1 and UCON Registers;
UARTi Transmit / Receive Control Register 1 (i=0 to 1) revised
157
Table 15.5 Registers to Be Used and Settings in UART Mode;
UiBRG: “
−” → “0 to 7” revised
162
Table 16.1 Performance of Comparator
Analog Input Voltage: “0V to Vref”
→ “0V to AVCC” revised
171
Table 17.1 Flash Memory Version Performance;
Program and Erase Endurance: (Program area)
→ (Program ROM),
(Data area)
→ (Data Flash) revised
173
17.2 Memory Map;
“The user ROM ... area ... Block A and B.”
→
“The user ROM ... area (program ROM) ... Block A and B (data flash).”
revised
Figure 17.1 Flash Memory Block Diagram for R8C/18 Group revised
174
Figure 17.2 Flash Memory Block Diagram for R8C/19 Group revised
189
17.4.3.5 Block Erase
“The block erase command cannot ... program-suspend.” added
200
Table 17.10 Interrupt in EW1 Mode;
During automatic programming (program suspend function enabled)
and During automatic programming (program suspend function
disabled) revised
203
Table 18.4 Flash Memory (Program ROM) Electrical Characteristics;
NOTES 3 and 5 revised, NOTE8 deleted
204
T
able 18.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics; NOTES 1 and 3 revised
206
Table 18.8 Reset Circuit Electrical Characteristics (When Using Voltage
Monitor 1 Reset); NOTE 2 revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com