Electronic Components Datasheet Search
  English  ▼

X  

SH7085 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7085
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1644 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7085 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7085 Datasheet HTML 26Page - Renesas Technology Corp SH7085 Datasheet HTML 27Page - Renesas Technology Corp SH7085 Datasheet HTML 28Page - Renesas Technology Corp SH7085 Datasheet HTML 29Page - Renesas Technology Corp SH7085 Datasheet HTML 30Page - Renesas Technology Corp SH7085 Datasheet HTML 31Page - Renesas Technology Corp SH7085 Datasheet HTML 32Page - Renesas Technology Corp SH7085 Datasheet HTML 33Page - Renesas Technology Corp SH7085 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1644 page
background image
Rev. 3.00 May 17, 2007 Page xxx of Iviii
Figure 9.14 Example of 32-Bit Data Width SDRAM Connection
(
RASU and CASU are not Used) ............................................................................ 302
Figure 9.15 Example of 16-Bit Data Width SDRAM Connection
(
RASU and CASU are not Used) ............................................................................ 303
Figure 9.16 Example of 16-Bit Data Width SDRAM Connection
(
RASU and CASU are Used) .................................................................................. 304
Figure 9.17 Burst Read Basic Timing (Auto-Precharge)............................................................ 318
Figure 9.18 Burst Read Wait Specification Timing (Auto-Precharge)....................................... 319
Figure 9.19 Single Read Basic Timing (Auto-Precharge) .......................................................... 320
Figure 9.20 Basic Timing for SDRAM Burst Write (Auto-Precharge) ...................................... 322
Figure 9.21 Single Write Basic Timing (Auto-Precharge) ......................................................... 323
Figure 9.22 Burst Read Timing (No Auto-Precharge)................................................................ 325
Figure 9.23 Burst Read Timing (Bank Active, Same Row Address) ......................................... 326
Figure 9.24 Burst Read Timing (Bank Active, Different Row Addresses) ................................ 327
Figure 9.25 Single Write Timing (No Auto-Precharge) ............................................................. 328
Figure 9.26 Single Write Timing (Bank Active, Same Row Address)....................................... 329
Figure 9.27 Single Write Timing (Bank Active, Different Row Addresses).............................. 330
Figure 9.28 Auto-Refresh Timing .............................................................................................. 332
Figure 9.29 Self-Refresh Timing................................................................................................ 333
Figure 9.30 SDRAM Mode Register Write Timing (Based on JEDEC) .................................... 336
Figure 9.31 Burst ROM (Clock Asynchronous) Access
(Bus Width = 32 Bits, 16 byte Transfer (Number of Burst = 4),
Access Wait for the 1st time = 2, Access Wait for 2nd Time and after = 1) ........... 339
Figure 9.32 Basic Access Timing for SRAM with Byte Selection (BAS = 0) ........................... 340
Figure 9.33 Basic Access Timing for SRAM with Byte Selection (BAS = 1) ........................... 341
Figure 9.34 Byte Selection SRAM Wait Timing
(BAS = 1, SW[1:0] = 01, WR[3:0] = 0001, HW[1:0] = 01).................................... 342
Figure 9.35 Example of Connection with 32-Bit Data Width Byte-Selection SRAM................ 343
Figure 9.36 Example of Connection with 16-Bit Data Width Byte-Selection SRAM................ 343
Figure 9.37 Example of PCMCIA Interface Connection............................................................ 345
Figure 9.38 Basic Access Timing for PCMCIA Memory Card Interface................................... 346
Figure 9.39 Wait Timing for PCMCIA Memory Card Interface
(TED[3:0] = B'0010, TEH[3:0] = B'0001, Hardware Wait = 1).............................. 347
Figure 9.40 Example of PCMCIA Space Assignment
(CS5WCR.SA[1:0] = B'10, CS6WCR.SA[1:0] = B'10).......................................... 348
Figure 9.41 Basic Timing for PCMCIA I/O Card Interface ....................................................... 349
Figure 9.42 Wait Timing for PCMCIA I/O Card Interface Timing
(TED[3:0] = B'0010, TEH[3:0] = B'0001, Hardware Wait 1)................................. 350
Figure 9.43 Burst MPX Device Connection Example................................................................ 351
Figure 9.44 Burst MPX Space Access Timing (Single Read, No Wait or Software Wait 1) ..... 352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com