| Electronic Components Datasheet Search |
|
SH7085 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7085 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1644 page ![]() Rev. 3.00 May 17, 2007 Page xxxii of Iviii Figure 10.15 Example of DREQ Input Detection in Cycle Steal Mode Level Detection........... 416 Figure 10.16 Example of DREQ Input Detection in Burst Mode Edge Detection ..................... 416 Figure 10.17 Example of DREQ Input Detection in Burst Mode Level Detection .................... 417 Figure 10.18 DMA Transfer End Timing (in Cycle Steal Level Detection)............................... 417 Figure 10.19 BSC Ordinary Memory Access (No Wait, Idle Cycle 1, Longword Access to 16-Bit Device) ............................... 418 Figure 10.20 Example of Timing of DMAC Operation—Activation by DREQ (in the Case of Cycle Stealing Transfer, Dual Address Mode, Low-Level Detection, I φ:Bφ:Pφ = 1:1/2:1/2, Data Transfer from External Memory to External Memory, and Idle/Wait = 0)................................................. 419 Figure 10.21 Example of DMAC Operation Timing— Activation by an On-Chip Peripheral Module (in the Case of Cycle Stealing Transfer, Dual Address Mode, Low-Level Detection, I φ:Bφ:Pφ = 1:1/2:1/2, and Data Transfer from On-Chip Peripheral Module to On-Chip RAM)................................................................... 420 Section 11 Multi-Function Timer Pulse Unit 2 (MTU2) Figure 11.1 Block Diagram of MTU2 ........................................................................................ 430 Figure 11.2 Complementary PWM Mode Output Level Example ............................................. 497 Figure 11.3 PWM Output Level Setting Procedure in Buffer Operation.................................... 502 Figure 11.4 Example of Counter Operation Setting Procedure .................................................. 515 Figure 11.5 Free-Running Counter Operation ............................................................................ 516 Figure 11.6 Periodic Counter Operation..................................................................................... 517 Figure 11.7 Example of Setting Procedure for Waveform Output by Compare Match.............. 517 Figure 11.8 Example of 0 Output/1 Output Operation ............................................................... 518 Figure 11.9 Example of Toggle Output Operation ..................................................................... 518 Figure 11.10 Example of Input Capture Operation Setting Procedure ....................................... 519 Figure 11.11 Example of Input Capture Operation .................................................................... 520 Figure 11.12 Example of Synchronous Operation Setting Procedure ........................................ 521 Figure 11.13 Example of Synchronous Operation...................................................................... 522 Figure 11.14 Compare Match Buffer Operation......................................................................... 523 Figure 11.15 Input Capture Buffer Operation............................................................................. 524 Figure 11.16 Example of Buffer Operation Setting Procedure................................................... 524 Figure 11.17 Example of Buffer Operation (1) .......................................................................... 525 Figure 11.18 Example of Buffer Operation (2) .......................................................................... 526 Figure 11.19 Example of Buffer Operation When TCNT_0 Clearing is Selected for TGRC_0 to TGRA_0 Transfer Timing................................................................................. 527 Figure 11.20 Cascaded Operation Setting Procedure ................................................................. 528 Figure 11.21 Cascaded Operation Example (a) .......................................................................... 529 Figure 11.22 Cascaded Operation Example (b).......................................................................... 529 Figure 11.23 Cascaded Operation Example (c) .......................................................................... 530 Figure 11.24 Cascaded Operation Example (d).......................................................................... 531 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |