Electronic Components Datasheet Search
  English  ▼

X  

STW6NC90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW6NC90Z
Description  N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6NC90Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW6NC90Z Datasheet HTML 1Page - STMicroelectronics STW6NC90Z Datasheet HTML 2Page - STMicroelectronics STW6NC90Z Datasheet HTML 3Page - STMicroelectronics STW6NC90Z Datasheet HTML 4Page - STMicroelectronics STW6NC90Z Datasheet HTML 5Page - STMicroelectronics STW6NC90Z Datasheet HTML 6Page - STMicroelectronics STW6NC90Z Datasheet HTML 7Page - STMicroelectronics STW6NC90Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STW6NC90Z
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON (RESISTIVE LOAD)
SWITCHING OFF (INDUCTIVE LOAD)
SOURCE DRAIN DIODE
GATE-SOURCE ZENER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. ∆VBV = αT (25°-T) BVGSO(25°)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to souce. In this respect the 25V Zener voltage is appropiate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 450V, ID = 2.5A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
24
ns
tr
Rise Time
8
ns
Qg
Total Gate Charge
VDD = 720V, ID = 5 A,
VGS = 10V
40
56
nC
Qgs
Gate-Source Charge
9
nC
Qgd
Gate-Drain Charge
15
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 720V, ID = 5 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
12
ns
tf
Fall Time
13
ns
tc
Cross-over Time
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
5.2
A
ISDM (2)
Source-drain Current (pulsed)
21
A
VSD (1)
Forward On Voltage
ISD = 5 A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 5 A, di/dt = 100A/µs,
VDD = 50 V, Tj = 150°C
(see test circuit, Figure 5)
510
ns
Qrr
Reverse Recovery Charge
4
µC
IRRM
Reverse Recovery Current
15
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
25
V
αT
Voltage Thermal Coefficient
T=25°C Note(3)
1.3
10-4/°C
Rz
Dynamic Resistance
IGS = 50 mA
90
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com