Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 132Page - Renesas Technology Corp R8C2C Datasheet HTML 133Page - Renesas Technology Corp R8C2C Datasheet HTML 134Page - Renesas Technology Corp R8C2C Datasheet HTML 135Page - Renesas Technology Corp R8C2C Datasheet HTML 136Page - Renesas Technology Corp R8C2C Datasheet HTML 137Page - Renesas Technology Corp R8C2C Datasheet HTML 138Page - Renesas Technology Corp R8C2C Datasheet HTML 139Page - Renesas Technology Corp R8C2C Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 615 page
background image
R8C/2C Group, R8C/2D Group
10. Clock Generation Circuit
Rev.2.00
Dec 05, 2007
Page 115 of 585
REJ09B0339-0200
Figure 10.13 shows the Time from Wait Mode to Interrupt Routine Execution.
When using a peripheral function interrupt to exit wait mode, set up the following before executing the WAIT
instruction.
(1) Set the interrupt priority level in bits ILVL2 to ILVL0 in the interrupt control registers of the peripheral
function interrupts to be used for exiting wait mode. Set bits ILVL2 to ILVL0 of the peripheral function
interrupts that are not to be used for exiting wait mode to 000b (interrupt disabled).
(2) Set the I flag to 1.
(3) Operate the peripheral function to be used for exiting wait mode.
When exiting by a peripheral function interrupt, the time (number of cycles) between interrupt request
generation and interrupt routine execution is determined by the settings of the FMSTP bit in the FMR0 register
and the CM07 bit in the CM0 register, as described in Figure 10.13.
The CPU clock, when exiting wait mode by a peripheral function interrupt, is the same clock as the CPU clock
when the WAIT instruction is executed.
Figure 10.13
Time from Wait Mode to Interrupt Routine Execution
0
(system clock)
1
(XCIN clock)
0
(system clock)
1
(XCIN clock)
Period of CPU clock
× 20 cycles
Same as above
Same as above
Same as above
Following total
time is the time
from wait mode
until an interrupt
routine is
executed.
0
(flash memory
operates)
1
(flash memory
stops)
Wait mode
Flash memory
activation sequence
T1
CPU clock restart sequence
T2
Interrupt sequence
T3
Interrupt request generated
CM07 Bit
Time for Interrupt
Sequence (T3)
Remarks
FMSTP Bit
FMR0 Register
CM0 Register
Period of system clock
× 12 cycles + 30 µs (max.)
Period of XCIN clock
× 12 cycles + 30 µs (max.)
Period of system clock
× 12 cycles
Period of XCIN clock
× 12 cycles
Time until Flash Memory
is Activated (T1)
Period of CPU clock
× 6 cycles
Same as above
Same as above
Same as above
Time until CPU Clock
is Supplied (T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com