Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 146Page - Renesas Technology Corp R8C2C Datasheet HTML 147Page - Renesas Technology Corp R8C2C Datasheet HTML 148Page - Renesas Technology Corp R8C2C Datasheet HTML 149Page - Renesas Technology Corp R8C2C Datasheet HTML 150Page - Renesas Technology Corp R8C2C Datasheet HTML 151Page - Renesas Technology Corp R8C2C Datasheet HTML 152Page - Renesas Technology Corp R8C2C Datasheet HTML 153Page - Renesas Technology Corp R8C2C Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 615 page
background image
R8C/2C Group, R8C/2D Group
12. Interrupts
Rev.2.00
Dec 05, 2007
Page 129 of 585
REJ09B0339-0200
12.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes beginning from the starting address set in the INTB register.
Table 12.2 lists the Relocatable Vector Tables.
NOTES:
1. These addresses are relative to those in the INTB register.
2. The IICSEL bit in the PMR register switches functions.
3. The I flag does not disable these interrupts.
Table 12.2
Relocatable Vector Tables
Interrupt Source
Vector Addresses(1)
Address (L) to Address (H)
Software
Interrupt
Number
Interrupt Control
Register
Reference
BRK instruction(3)
+0 to +3 (0000h to 0003h)
0
−
R8C/Tiny Series Software
Manual
(Reserved)
1 to 2
−
(Reserved)
3 to 6
−−
Timer RC
+28 to +31 (001Ch to 001Fh)
7
TRCIC
14.3 Timer RC
Timer RD
(channel 0)
+32 to +35 (0020h to 0023h)
8
TRD0IC
14.4 Timer RD
Timer RD
(channel 1)
+36 to +39 (0024h to 0027h)
9
TRD1IC
Timer RE
+40 to +43 (0028h to 002Bh)
10
TREIC
14.5 Timer RE
UART2 transmit
+44 to +47 (002Ch to 002Fh)
11
S2TIC
15. Serial Interface
UART2 receive
+48 to +51 (0030h to 0033h)
12
S2RIC
Key input
+52 to +55 (0034h to 0037h)
13
KUPIC
12.3 Key Input Interrupt
(Reserved)
14
−−
Clock synchronous
serial I/O with chip
select / I2C bus
interface(2)
+60 to +63 (003Ch to 003Fh)
15
SSUIC/IICIC
16.2 Clock Synchronous
Serial I/O with Chip
Select (SSU),
16.3 I2C bus Interface
Compare 1
+64 to +67 (0040h to 0043h)
16
CMP1IC
14.6 Timer RF
UART0 transmit
+68 to +71 (0044h to 0047h)
17
S0TIC
15. Serial Interface
UART0 receive
+72 to +75 (0048h to 004Bh)
18
S0RIC
UART1 transmit
+76 to +79 (004Ch to 004Fh)
19
S1TIC
UART1 receive
+80 to +83 (0050h to 0053h)
20
S1RIC
INT2
+84 to +87 (0054h to 0057h)
21
INT2IC
12.2 INT Interrupt
Timer RA
+88 to +91 (0058h to 005Bh)
22
TRAIC
14.1 Timer RA
(Reserved)
23
−−
Timer RB
+96 to +99 (0060h to 0063h)
24
TRBIC
14.2 Timer RB
INT1
+100 to +103 (0064h to 0067h)
25
INT1IC
12.2 INT Interrupt
INT3
+104 to +107 (0068h to 006Bh)
26
INT3IC
Timer RF
+108 to +111 (006Ch to 006Fh)
27
TRFIC
14.6 Timer RF
Compare 0
+112 to +115 (0070h to 0073h)
28
CMP0IC
INT0
+116 to +119 (0074h to 0077h)
29
INT0IC
12.2 INT Interrupt
A/D
+120 to +123 (0078h to 007Bh)
30
ADIC
18. A/D Converter
Capture
+124 to +127 (007Ch to 007Fh)
31
CAPIC
14.6 Timer RF
Software interrupt(3)
+128 to +131 (0080h to 0083h) to
+252 to +255 (00FCh to 00FFh)
32 to 63
−
R8C/Tiny Series Software
Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com