Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 148Page - Renesas Technology Corp R8C2C Datasheet HTML 149Page - Renesas Technology Corp R8C2C Datasheet HTML 150Page - Renesas Technology Corp R8C2C Datasheet HTML 151Page - Renesas Technology Corp R8C2C Datasheet HTML 152Page - Renesas Technology Corp R8C2C Datasheet HTML 153Page - Renesas Technology Corp R8C2C Datasheet HTML 154Page - Renesas Technology Corp R8C2C Datasheet HTML 155Page - Renesas Technology Corp R8C2C Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 615 page
background image
R8C/2C Group, R8C/2D Group
12. Interrupts
Rev.2.00
Dec 05, 2007
Page 131 of 585
REJ09B0339-0200
Figure 12.4
Registers TRCIC, TRD0IC, TRD1IC, SSUIC, and IICIC
Interrupt Control Register(1)
Address
After Reset
0047h
XXXXX000b
0048h
XXXXX000b
0049h
XXXXX000b
004Fh
XXXXX000b
Bit Symbol
Function
RW
NOTES:
1.
2.
IR
0 : Requests no interrupt
1 : Requests interrupt
RO
—
(b7-b4)
—
ILVL0
RW
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
The IICSEL bit in the PMR register sw itches functions.
Rew rite the interrupt control register w hen the interrupt request w hich is applicable for the register is not generated.
Refer to 12.6.5 Changing Interrupt Control Register Contents.
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Interrupt priority level select bits
Interrupt request bit
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
Symbol
TRD1IC
TRD0IC
SSUIC/IICIC(2)
TRCIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com