Electronic Components Datasheet Search
  English  ▼

X  

M32C87 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M32C87
Description  MCU M16C FAMILY / M32C/80 SERIES
PDF  627 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C87 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M32C87 Datasheet HTML 51Page - Renesas Technology Corp M32C87 Datasheet HTML 52Page - Renesas Technology Corp M32C87 Datasheet HTML 53Page - Renesas Technology Corp M32C87 Datasheet HTML 54Page - Renesas Technology Corp M32C87 Datasheet HTML 55Page - Renesas Technology Corp M32C87 Datasheet HTML 56Page - Renesas Technology Corp M32C87 Datasheet HTML 57Page - Renesas Technology Corp M32C87 Datasheet HTML 58Page - Renesas Technology Corp M32C87 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 627 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ09B0180-0151 Rev.1.51 Jul 31, 2008
Page 33 of 587
Table 4.7
SFR Address Map (7/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0150h
Group 2 Waveform Generation Control Register 0
G2POCR0
00h
0151h
Group 2 Waveform Generation Control Register 1
G2POCR1
00h
0152h
Group 2 Waveform Generation Control Register 2
G2POCR2
00h
0153h
Group 2 Waveform Generation Control Register 3
G2POCR3
00h
0154h
Group 2 Waveform Generation Control Register 4
G2POCR4
00h
0155h
Group 2 Waveform Generation Control Register 5
G2POCR5
00h
0156h
Group 2 Waveform Generation Control Register 6
G2POCR6
00h
0157h
Group 2 Waveform Generation Control Register 7
G2POCR7
00h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h
Group 2 Base Timer Register
G2BT
XXXXh
0161h
0162h
Group 2 Base Timer Control Register 0
G2BCR0
00h
0163h
Group 2 Base Timer Control Register 1
G2BCR1
00h
0164h
Base Timer Start Register
BTSR
XXXX 0000b
0165h
0166h
Group 2 Function Enable Register
G2FE
00h
0167h
Group 2 RTP Output Buffer Register
G2RTP
00h
0168h
0169h
016Ah
Group 2 SI/O Communication Mode Register
G2MR
00XX X000b
016Bh
Group 2 SI/O Communication Control Register
G2CR
0000 X000b
016Ch
Group 2 SI/O Transmit Buffer Register
G2TB
XXXXh
016Dh
016Eh
Group 2 SI/O Receive Buffer Register
G2RB
XXXXh
016Fh
0170h
Group 2 IEBus Address Register
IEAR
XXXXh
0171h
0172h
Group 2 IEBus Control Register
IECR
00XX X000b
0173h
Group 2 IEBus Transmit Interrupt Source Detection Register
IETIF
XXX0 0000b
0174h
Group 2 IEBus Receive Interrupt Source Detection Register
IERIF
XXX0 0000b
0175h
0176h
0177h
Input Function Select Register B
IPSB
00h
0178h
Input Function Select Register
IPS
00h
0179h
Input Function Select Register A
IPSA
00h
017Ah
017Bh
017Ch
017Dh
to
01BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com