Electronic Components Datasheet Search
  English  ▼

X  

H83802 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # H83802
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83802 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H83802 Datasheet HTML 18Page - Renesas Technology Corp H83802 Datasheet HTML 19Page - Renesas Technology Corp H83802 Datasheet HTML 20Page - Renesas Technology Corp H83802 Datasheet HTML 21Page - Renesas Technology Corp H83802 Datasheet HTML 22Page - Renesas Technology Corp H83802 Datasheet HTML 23Page - Renesas Technology Corp H83802 Datasheet HTML 24Page - Renesas Technology Corp H83802 Datasheet HTML 25Page - Renesas Technology Corp H83802 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page xxii of l
Item
Page
Revisions (See Manual for Details)
9.5.4 Operating States
of Watchdog Timer
256
Description amended
Tables 9.8(1) and 9.8(2) summarize the operating states of the
watchdog timer for the H8/38004, H8/38002S Group and
H8/38104 Group, respectively.
Table 9.8(1) Operating
States of Watchdog
Timer (H8/38004,
H8/38002S Group)
Title amended
10.3.8 Bit Rate
Register (BRR)
269
Description amended
The values are shown in table 10.5
.
N =
32 2 2n B
– 1
Error (%) =
100
B (bit rate obtained from n, N, ) – R (bit rate in left-hand column in table 10.2)
R (bit rate in left-hand column in table 10.2)
Legend:
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
N
255)
φ:
Operating frequency (Hz)
n:
Baud rate generator input clock number (n = 0, 2, or 3)
(The relation between n and the clock is shown in table 10.3.)
φ
φ
≤≤
••
•
Table 10.2 Examples
of BRR Settings for
Various Bit Rates
(Asynchronous Mode)
(2)
271
Table amended
φ
10 MHz
Bit Rate
(bit/s)
n
N
Error
(%)
110
3
43
0.88
150
3
32
–1.36
200
3
23
1.73
250
3
19
–2.34
300
3
15
1.73
600
3
7
1.73
1200
3
3
1.73
2400
3
1
1.73
4800
3
0
1.73
9600
2
1
1.73
19200
2
0
1.73
31250
0
9
0
38400
0
7
1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com