Electronic Components Datasheet Search
  English  ▼

X  

HD64F36064G Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD64F36064G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36064G Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD64F36064G Datasheet HTML 93Page - Renesas Technology Corp HD64F36064G Datasheet HTML 94Page - Renesas Technology Corp HD64F36064G Datasheet HTML 95Page - Renesas Technology Corp HD64F36064G Datasheet HTML 96Page - Renesas Technology Corp HD64F36064G Datasheet HTML 97Page - Renesas Technology Corp HD64F36064G Datasheet HTML 98Page - Renesas Technology Corp HD64F36064G Datasheet HTML 99Page - Renesas Technology Corp HD64F36064G Datasheet HTML 100Page - Renesas Technology Corp HD64F36064G Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 478 page
background image
Section 5 Clock Pulse Generators
Rev. 2.00 Sep. 23, 2005 Page 67 of 444
REJ09B0068-0200
5.1.2
Connecting Ceramic Resonator
Figure 5.5 shows a typical method of connecting a ceramic resonator.
OSC1
OSC2
C1
C2
C1 = 30 pF ±10%
C2 = 30 pF ±10%
Figure 5.5 Typical Connection to Ceramic Resonator
5.1.3
External Clock Input Method
Connect an external clock signal to the OSC
1 pin and leave the OSC2 pin open. Figure 5.6 shows a
typical connection. The duty cycle of the external clock signal must be 45 to 55%.
OSC1
External clock input
OSC 2
Open
Figure 5.6 Example of External Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com