Electronic Components Datasheet Search
  English  ▼

X  

HD64F36064G Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD64F36064G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36064G Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD64F36064G Datasheet HTML 28Page - Renesas Technology Corp HD64F36064G Datasheet HTML 29Page - Renesas Technology Corp HD64F36064G Datasheet HTML 30Page - Renesas Technology Corp HD64F36064G Datasheet HTML 31Page - Renesas Technology Corp HD64F36064G Datasheet HTML 32Page - Renesas Technology Corp HD64F36064G Datasheet HTML 33Page - Renesas Technology Corp HD64F36064G Datasheet HTML 34Page - Renesas Technology Corp HD64F36064G Datasheet HTML 35Page - Renesas Technology Corp HD64F36064G Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 478 page
background image
Section 1 Overview
Rev. 2.00 Sep. 23, 2005 Page 2 of 444
REJ09B0068-0200
• On-chip memory
Model
Product Classification
On-Chip Power-On Reset
and Low-Voltage Detecting
Circuit Version
ROM
RAM
Remarks
Flash memory version
(F-ZTAT
TM version)
H8/36064GF
HD64F36064G
32 kbytes
2 kbytes
Under
development
Note:
F-ZTAT
TM is a trademark of Renesas Technology Corp.
• General I/O ports
 I/O pins: 45 I/O pins, including 8 large current ports (I
OL = 20 mA, @VOL = 1.5 V)
 Input-only pins: 8 input pins (also used for analog input)
• Supports various power-down states
• Compact package
Package
Code
Body Size
Pin Pitch
QFP-64
FP-64A
14.0
× 14.0 mm
0.8 mm
LQFP-64
FP-64E
10.0
× 10.0 mm
0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com