Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079L Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F36079L
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079L Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F36079L Datasheet HTML 3Page - Renesas Technology Corp HD64F36079L Datasheet HTML 4Page - Renesas Technology Corp HD64F36079L Datasheet HTML 5Page - Renesas Technology Corp HD64F36079L Datasheet HTML 6Page - Renesas Technology Corp HD64F36079L Datasheet HTML 7Page - Renesas Technology Corp HD64F36079L Datasheet HTML 8Page - Renesas Technology Corp HD64F36079L Datasheet HTML 9Page - Renesas Technology Corp HD64F36079L Datasheet HTML 10Page - Renesas Technology Corp HD64F36079L Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 564 page
background image
Rev. 3.00 Sep. 10, 2007 Page vii of xxxii
Notes:
When using an on-chip emulator (E7, E8) for H8/36079 and H8/36077 program development and
debugging, the following restrictions must be noted.
1. The
NMI pin is reserved for the E7 or E8, and cannot be used.
2. Pins P85, P86, and P87 cannot be used. In order to use these pins, additional hardware must be
provided on the user board.
3. The following areas are used by the E7 or E8, and are not available to the user.
H8/36079 Group: H'01F000 to H'01FFFF
H8/36077 Group: H'D000 to H'DFFF
4. The following areas must on no account be accessed.
H8/36079 Group: H'FFF780 to H'FFFB7F
H8/36077 Group: H'F780 to H'FB7F
5. In usage with the E7or E8, address breaks can be set as either available to the user or for use
by the E7 or E8. If address breaks are set as being used by the E7, the address break control
registers must not be accessed.
6. In usage with the E7 or E8,
NMI is an input/output pin (open-drain in output mode), P85 and
P87 are input pins, and P86 is an output pin.
7. Use channel 1 of the SCI3 (P21/RXD, P22/TXD) in on-board programming mode by boot
mode.
8. In usage with the E7or E8, the power supply voltage for H8/36079 Group products must be
greater than the reset detection voltage of the low voltage detection circuit.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com