Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079L Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD64F36079L
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079L Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD64F36079L Datasheet HTML 78Page - Renesas Technology Corp HD64F36079L Datasheet HTML 79Page - Renesas Technology Corp HD64F36079L Datasheet HTML 80Page - Renesas Technology Corp HD64F36079L Datasheet HTML 81Page - Renesas Technology Corp HD64F36079L Datasheet HTML 82Page - Renesas Technology Corp HD64F36079L Datasheet HTML 83Page - Renesas Technology Corp HD64F36079L Datasheet HTML 84Page - Renesas Technology Corp HD64F36079L Datasheet HTML 85Page - Renesas Technology Corp HD64F36079L Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 564 page
background image
Section 3 Exception Handling
Rev. 3.00 Sep. 10, 2007 Page 50 of 528
REJ09B0216-0300
3.2.3
Interrupt Enable Register 1 (IENR1)
IENR1 enables direct transition interrupts, RTC interrupts, and external pin interrupts.
Bit
Bit Name
Initial
Value
R/W
Description
7
IENDT
0
R/W
Direct Transfer Interrupt Enable
When this bit is set to 1, direct transition interrupt
requests are enabled.
6
IENTA
0
R/W
RTC Interrupt Enable
When this bit is set to 1, RTC interrupt requests are
enabled.
5
IENWP
0
R/W
Wakeup Interrupt Enable
This bit is an enable bit, which is common to the pins
WKP5 to WKP0. When the bit is set to 1, interrupt
requests are enabled.
4
1
Reserved
This bit is always read as 1.
3
IEN3
0
R/W
IRQ3 Interrupt Enable
When this bit is set to 1, interrupt requests of the
IRQ3 pin
are enabled.
2
IEN2
0
R/W
IRQ2 Interrupt Enable
When this bit is set to 1, interrupt requests of the
IRQ2 pin
are enabled.
1
IEN1
0
R/W
IRQ1 Interrupt Enable
When this bit is set to 1, interrupt requests of the
IRQ1 pin
are enabled.
0
IEN0
0
R/W
IRQ0 Interrupt Enable
When this bit is set to 1, interrupt requests of the
IRQ0 pin
are enabled.
When disabling interrupts by clearing bits in an interrupt enable register, or when clearing bits in
an interrupt flag register, always do so while interrupts are masked (I = 1). If the above clear
operations are performed while I = 0, and as a result a conflict arises between the clear instruction
and an interrupt request, exception handling for the interrupt will be executed after the clear
instruction has been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com