Electronic Components Datasheet Search
  English  ▼

X  

HD64F36077L Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD64F36077L
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36077L Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD64F36077L Datasheet HTML 34Page - Renesas Technology Corp HD64F36077L Datasheet HTML 35Page - Renesas Technology Corp HD64F36077L Datasheet HTML 36Page - Renesas Technology Corp HD64F36077L Datasheet HTML 37Page - Renesas Technology Corp HD64F36077L Datasheet HTML 38Page - Renesas Technology Corp HD64F36077L Datasheet HTML 39Page - Renesas Technology Corp HD64F36077L Datasheet HTML 40Page - Renesas Technology Corp HD64F36077L Datasheet HTML 41Page - Renesas Technology Corp HD64F36077L Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 564 page
background image
Section 1 Overview
Rev. 3.00 Sep. 10, 2007 Page 6 of 528
REJ09B0216-0300
1.4
Pin Functions
Table 1.1
Pin Functions
Pin No.
Type
Symbol
FP-64K
FP-64A
I/O
Functions
Power
source pins
V
CC
12
Input
Power supply pin. Connect this pin to the
system power supply.
V
SS
9
Input
Ground pin. Connect this pin to the system
power supply (0V).
AV
CC
3
Input
Analog power supply pin for the A/D converter.
When the A/D converter is not used, connect
this pin to the system power supply.
V
CL
6
Input
See section 20, Power Supply Circuit, for a
typical connection.
Clock pins
OSC1
11
Input
OSC2/
CLKOUT
10
Output
These pins connect with crystal or ceramic
resonator for the system clock, or can be used
to input an external clock. When the on-chip
oscillator is used, the system clock can be
output on OSC2 pin.
See section 5, Clock Pulse Generator, for a
typical connection.
X1
5
Input
X2
4
Output
These pins connect with a 32.768 kHz crystal
resonator for the subclock. See section 5, Clock
Pulse Generator, for a typical connection.
System
control
RES
7
Input
Reset pin. The pull-up resistor (typ. 150 k
Ω) is
incorporated. When driven low, this LSI is reset.
TEST
8
Input
Test pin. Connect this pin to Vss.
Interrupt
pins
NMI
35
Input
Non-maskable interrupt request input pin. Be
sure to pull up by a resistor.
IRQ0 to
IRQ3
51 to 54
Input
External interrupt request input pins. Can select
the rising or falling edge.
WKP0 to
WKP5
13, 14,
19 to 22
Input
External interrupt request input pins. Can select
the rising or falling edge.
RTC
TMOW
23
Output
This is an output pin for a divided clock.
Timer B1
TMIB1
52
Input
External event input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com