Electronic Components Datasheet Search
  English  ▼

X  

HD64F36077L Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # HD64F36077L
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36077L Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button HD64F36077L Datasheet HTML 67Page - Renesas Technology Corp HD64F36077L Datasheet HTML 68Page - Renesas Technology Corp HD64F36077L Datasheet HTML 69Page - Renesas Technology Corp HD64F36077L Datasheet HTML 70Page - Renesas Technology Corp HD64F36077L Datasheet HTML 71Page - Renesas Technology Corp HD64F36077L Datasheet HTML 72Page - Renesas Technology Corp HD64F36077L Datasheet HTML 73Page - Renesas Technology Corp HD64F36077L Datasheet HTML 74Page - Renesas Technology Corp HD64F36077L Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 564 page
background image
Section 2 CPU
Rev. 3.00 Sep. 10, 2007 Page 39 of 528
REJ09B0216-0300
Reset state
Program halt state
Exception-handling state
Program execution state
Reset cleared
SLEEP instruction executed
Reset
occurs
Interrupt
source
Reset
occurs
Interrupt
source
Exception-
handling
complete
Reset occurs
Figure 2.12 State Transitions
2.8
Usage Notes
2.8.1
Notes on Data Access to Empty Areas
The address space of this LSI includes empty areas in addition to the ROM, RAM, and on-chip
I/O registers areas available to the user. When data is transferred from CPU to empty areas, the
transferred data will be lost. This action may also cause the CPU to malfunction. When data is
transferred from an empty area to CPU, the contents of the data cannot be guaranteed.
2.8.2
EEPMOV Instruction
EEPMOV is a block-transfer instruction and transfers the number of bytes indicated by R4L and
starting at the address indicated by R5 to the address indicated by R6. In products for normal-
mode operation, set R4L and R6 so that the final address at the destination for transfer (value of
R6
+ R4L) does not exceed H'FFFF (the value of R6 must not change from H'FFFF to H'0000
during execution). In products for advanced-mode operation, set R4L and R6 so that the final
address at the destination for transfer (value of R6
+ R4L) does not exceed H'FFFFFF (the value
of R6 must not change from H'FFFFFF to H'000000 during execution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com