Electronic Components Datasheet Search
  English  ▼

X  

HD64F36074L Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # HD64F36074L
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36074L Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button HD64F36074L Datasheet HTML 37Page - Renesas Technology Corp HD64F36074L Datasheet HTML 38Page - Renesas Technology Corp HD64F36074L Datasheet HTML 39Page - Renesas Technology Corp HD64F36074L Datasheet HTML 40Page - Renesas Technology Corp HD64F36074L Datasheet HTML 41Page - Renesas Technology Corp HD64F36074L Datasheet HTML 42Page - Renesas Technology Corp HD64F36074L Datasheet HTML 43Page - Renesas Technology Corp HD64F36074L Datasheet HTML 44Page - Renesas Technology Corp HD64F36074L Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 564 page
background image
Section 2 CPU
CPU30H2C_000120030300
Rev. 3.00 Sep. 10, 2007 Page 9 of 528
REJ09B0216-0300
Section 2 CPU
Microcontrollers of the H8/36079 Group and H8/36077 Group have an H8/300H CPU with an
internal 32-bit architecture that provides upward compatibility with the H8/300CPU. Products of
the H8/36079 Group support an advanced mode with a 16-Mbyte address space while those of the
H8/36077 Group support a normal mode with a 64-Kbyte address space.
• Upward compatibility with H8/300 CPUs
 Can execute object programs for H8/300 CPUs
 Additional eight 16-bit extended registers
 32-bit transfer and arithmetic and logic instructions are added
 Signed multiply and divide instructions are added.
• General-register architecture
 Sixteen 16-bit general registers also usable as sixteen 8-bit registers and eight 16-bit
registers, or eight 32-bit registers
• Sixty-two basic instructions
 8/16/32-bit data transfer and arithmetic and logic instructions
 Multiply and divide instructions
 Powerful bit-manipulation instructions
• Eight addressing modes
 Register direct [Rn]
 Register indirect [@ERn]
 Register indirect with displacement [@(d:16,ERn) or @(d:24,ERn)]
 Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn]
 Absolute address [@aa:8, @aa:16, @aa:24]
 Immediate [#xx:8, #xx:16, or #xx:32]
 Program-counter relative [@(d:8,PC) or @(d:16,PC)]
 Memory indirect [@@aa:8]
• Address space
 H8/36079 Group: 16 Mbytes
 H8/36077 Group: 64 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com