| Electronic Components Datasheet Search |
|
HD64F36074L Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36074L Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 564 page ![]() Rev. 3.00 Sep. 10, 2007 Page xxiii of xxxii Section 10 Realtime Clock (RTC) Figure 10.1 Block Diagram of RTC ........................................................................................... 167 Figure 10.2 Definition of Time Expression ................................................................................ 173 Figure 10.3 Initial Setting Procedure.......................................................................................... 176 Figure 10.4 Example: Reading of Inaccurate Time Data............................................................ 177 Section 11 Timer B1 Figure 11.1 Block Diagram of Timer B1.................................................................................... 179 Section 12 Timer V Figure 12.1 Block Diagram of Timer V...................................................................................... 186 Figure 12.2 Increment Timing with Internal Clock .................................................................... 193 Figure 12.3 Increment Timing with External Clock ................................................................... 193 Figure 12.4 OVF Set Timing ...................................................................................................... 193 Figure 12.5 CMFA and CMFB Set Timing ................................................................................ 194 Figure 12.6 TMOV Output Timing ............................................................................................ 194 Figure 12.7 Clear Timing by Compare Match............................................................................ 194 Figure 12.8 Clear Timing by TMRIV Input ............................................................................... 195 Figure 12.9 Pulse Output Example ............................................................................................. 195 Figure 12.10 Example of Pulse Output Synchronized to TRGV Input....................................... 196 Figure 12.11 Contention between TCNTV Write and Clear ...................................................... 197 Figure 12.12 Contention between TCORA Write and Compare Match ..................................... 198 Figure 12.13 Internal Clock Switching and TCNTV Operation ................................................. 198 Section 13 Timer Z Figure 13.1 Timer Z Block Diagram .......................................................................................... 201 Figure 13.2 Timer Z (Channel 0) Block Diagram ...................................................................... 202 Figure 13.3 Timer Z (Channel 1) Block Diagram ...................................................................... 203 Figure 13.4 Example of Outputs in Reset Synchronous PWM Mode and Complementary PWM Mode.................................................................................. 210 Figure 13.5 Accessing Operation of 16-Bit Register (between CPU and TCNT (16 bits)) ....................................................................... 222 Figure 13.6 Accessing Operation of 8-Bit Register (between CPU and TSTR (8 bits)).......................................................................... 222 Figure 13.7 Example of Counter Operation Setting Procedure .................................................. 223 Figure 13.8 Free-Running Counter Operation ............................................................................ 224 Figure 13.9 Periodic Counter Operation..................................................................................... 225 Figure 13.10 Count Timing at Internal Clock Operation............................................................ 225 Figure 13.11 Count Timing at External Clock Operation (Both Edges Detected)...................... 226 Figure 13.12 Example of Setting Procedure for Waveform Output by Compare Match................................................................................................ 227 Figure 13.13 Example of 0 Output/1 Output Operation ............................................................. 228 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |