| Electronic Components Datasheet Search |
|
HD64F36037G Datasheet(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36037G Datasheet(HTML) 77 Page - Renesas Technology Corp |
|
77 / 592 page ![]() Section 2 CPU Rev. 4.00 Mar. 15, 2006 Page 45 of 556 REJ09B0026-0400 • BSET instruction executed BSET #0, @RAM0 The BSET instruction is executed designating the PDR5 work area (RAM0). • After executing BSET instruction MOV.B @RAM0, R0L MOV.B R0L, @PDR5 The work area (RAM0) value is written to PDR5. P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level High level PCR5 0 0 1 1 1 1 1 1 PDR5 1 0 0 0 0 0 0 1 RAM0 1 0 0 0 0 0 0 1 (2) Bit Manipulation in a Register Containing a Write-Only Bit Example 3: BCLR instruction executed designating port 5 control register PCR5 P57 and P56 are input pins, with a low-level signal input at P57 and a high-level signal input at P56. P55 to P50 are output pins that output low-level signals. An example of setting the P50 pin as an input pin by the BCLR instruction is shown below. It is assumed that a high-level signal will be input to this input pin. • Prior to executing BCLR instruction P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level Low level PCR5 0 0 1 1 1 1 1 1 PDR5 1 0 0 0 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |