Electronic Components Datasheet Search
  English  ▼

X  

HD64F36037G Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD64F36037G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36037G Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD64F36037G Datasheet HTML 93Page - Renesas Technology Corp HD64F36037G Datasheet HTML 94Page - Renesas Technology Corp HD64F36037G Datasheet HTML 95Page - Renesas Technology Corp HD64F36037G Datasheet HTML 96Page - Renesas Technology Corp HD64F36037G Datasheet HTML 97Page - Renesas Technology Corp HD64F36037G Datasheet HTML 98Page - Renesas Technology Corp HD64F36037G Datasheet HTML 99Page - Renesas Technology Corp HD64F36037G Datasheet HTML 100Page - Renesas Technology Corp HD64F36037G Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 592 page
background image
Section 3 Exception Handling
Rev. 4.00 Mar. 15, 2006 Page 65 of 556
REJ09B0026-0400
3.5
Usage Notes
3.5.1
Interrupts after Reset
If an interrupt is accepted after a reset and before the stack pointer (SP) is initialized, the PC and
CCR will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests,
including NMI, are disabled immediately after a reset. Since the first instruction of a program is
always executed immediately after the reset state ends, make sure that this instruction initializes
the stack pointer (example: MOV.W #xx: 16, SP).
3.5.2
Notes on Stack Area Use
When word data is accessed, the least significant bit of the address is regarded as 0. Access to the
stack always takes place in word size, so the stack pointer (SP: R7) should never indicate an odd
address. Use PUSH Rn (MOV.W Rn, @–SP) or POP Rn (MOV.W @SP+, Rn) to save or restore
register values.
3.5.3
Notes on Rewriting Port Mode Registers
When a port mode register is rewritten to switch the functions of external interrupt pins,
IRQ3 to
IRQ0, and WKP5 to WKP0, the interrupt request flag may be set to 1.
When switching a pin function, mask the interrupt before setting the bit in the port mode register.
After accessing the port mode register, execute at least one instruction (e.g., NOP), then clear the
interrupt request flag from 1 to 0.
Figure 3.4 shows a port mode register setting and interrupt request flag clearing procedure.
CCR I bit
1
Set port mode register bit
Execute NOP instruction
Interrupts masked. (Another possibility
is to disable the relevant interrupt in
interrupt enable register 1.)
After setting the port mode register bit,
first execute at least one instruction
(e.g., NOP), then clear the interrupt
request flag to 0.
Interrupt mask cleared
Clear interrupt request flag to 0
←
CCR I bit
0
←
Figure 3.4 Port Mode Register Setting and Interrupt Request Flag Clearing Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com