Electronic Components Datasheet Search
  English  ▼

X  

PCA4981 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PCA4981
Description  Converter from 80-pin 0.65mm-pitch QFP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA4981 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PCA4981 Datasheet HTML 3Page - Renesas Technology Corp PCA4981 Datasheet HTML 4Page - Renesas Technology Corp PCA4981 Datasheet HTML 5Page - Renesas Technology Corp PCA4981 Datasheet HTML 6Page - Renesas Technology Corp PCA4981 Datasheet HTML 7Page - Renesas Technology Corp PCA4981 Datasheet HTML 8Page - Renesas Technology Corp PCA4981 Datasheet HTML 9Page - Renesas Technology Corp PCA4981 Datasheet HTML 10Page - Renesas Technology Corp PCA4981 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The PCA4989 is a board that converts an 80-pin 0.65mm-pitch QFP
(80P6S-A) to the standard pitch.
Application
Use the PCA4989 as a test board to connect an 80P6S-A MCU
package to a standard pitch universal board. Since an 80P6S-A IC
socket (IC51-0804-711 made by Yamaichi Electronics Co., Ltd.) is
mounted on the PCA4989, it is easy to replace MCUs.
As the pin layout of the PCA4989 is that of the PCA4979 with two
displaced pins, pin No. 1 of 80P6S-A IC socket of the PCA4989
corresponds to pin No. 3 of the standard pitch hole.
Dimensions
58.0(D)×62.0(W)×20.0(H)mm
(L)=50.8(2.54×20)mm
Pin Layout
[Ordering Information] See Appendix H "Ordering Information".
PCA4989
Converter from 80-pin 0.65mm-pitch QFP (80P6S-A) to 40-pin DIL
Standard Pitch (Different Pin Layout from the PCA4979)
* Pins and other parts needed to connect the standard pitch converter are not included with the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com