Electronic Components Datasheet Search
  English  ▼

X  

PCA4981 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PCA4981
Description  Converter from 80-pin 0.65mm-pitch QFP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA4981 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PCA4981 Datasheet HTML 7Page - Renesas Technology Corp PCA4981 Datasheet HTML 8Page - Renesas Technology Corp PCA4981 Datasheet HTML 9Page - Renesas Technology Corp PCA4981 Datasheet HTML 10Page - Renesas Technology Corp PCA4981 Datasheet HTML 11Page - Renesas Technology Corp PCA4981 Datasheet HTML 12Page - Renesas Technology Corp PCA4981 Datasheet HTML 13Page - Renesas Technology Corp PCA4981 Datasheet HTML 14Page - Renesas Technology Corp PCA4981 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The PCA7752AG02-BARE is a converter board that converts a
100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to the
standard pitch. Pin No. 1 corresponds to pin No. 1.
Application
Use the PCA7752AG02-BARE as a test board to connect a
100P6S-A or 100D0 MCU package to a standard pitch universal
board. Since the PCA7752A-BARE has a flat mounting pattern,
users can mount a PROM MCU directly on it. A 100-pin LCC socket
made by Yamaichi Electronics Co., Ltd. is required, when an MCU
package is 100D0.
Dimensions
70.0(D)×64.0(W)mm
(L)=50.8(2.54×20)mm
Pin Layout
Manufactured Product
For 100P6S-A: PCA7752B
For 100D0: PCA7752AG02
[Ordering Information] See Appendix H "Ordering Information".
PCA7752AG02-BARE
Converter board from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC
(100D0) to 50-pin DIL Standard Pitch
Foot Pattern Reference Dimensions
* When using the AXS4003M295C made by Matsushita Electric Works, Ltd.,
note that the contacts of the IC socket proper touch the PC board in the
shaded section. Therefore, be especially careful with pattern wiring to ensure
that other pins will not be shorted. (Through holes are not accepted.)
* Only when using the AXS4003M295C made by Matsushita Electric Works,
Ltd. and IC61-1004-051 made by Yamaichi Electronics Co., Ltd., be sure to
create foot patterns for the holding metal fixtures in four locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com