Electronic Components Datasheet Search
  English  ▼

X  

ADS1282 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1282 Datasheet HTML 35Page - Texas Instruments ADS1282 Datasheet HTML 36Page - Texas Instruments ADS1282 Datasheet HTML 37Page - Texas Instruments ADS1282 Datasheet HTML 38Page - Texas Instruments ADS1282 Datasheet HTML 39Page - Texas Instruments ADS1282 Datasheet HTML 40Page - Texas Instruments ADS1282 Datasheet HTML 41Page - Texas Instruments ADS1282 Datasheet HTML 42Page - Texas Instruments ADS1282 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
HPF1 and HPF0
These two bytes (high-byte and low-byte, respectively) set the corner frequency of the high-pass filter.
HPF0: High-Pass Filter Corner Frequency, Low Byte (Address 03h)
7
6
5
4
3
2
1
0
HP07
HP06
HP05
HP04
HP03
HP02
HP01
HP00
Reset value = 32h.
HPF1: High-Pass Filter Corner Frequency, High Byte (Address 04h)
7
6
5
4
3
2
1
0
HP15
HP14
HP13
HP12
HP11
HP10
HP09
HP08
Reset value = 03h.
OFC2, OFC1, OFC0
These three bytes set the offset calibration value.
OFC0: Offset Calibration, Low Byte (Address 05h)
7
6
5
4
3
2
1
0
OC07
OC06
OC05
OC04
OC03
OC02
OC01
OC00
Reset value = 00h.
OFC1: Offset Calibration, Mid Byte (Address 06h)
7
6
5
4
3
2
1
0
OC15
OC14
OC13
OC12
OC11
OC10
OC09
OC08
Reset value = 00h.
OFC2: Offset Calibration, High Byte (Address 07h)
7
6
5
4
3
2
1
0
OC23
OC22
OC21
OC20
OC19
OC18
OC17
OC16
Reset value = 00h.
FSC2, FSC1, FSC0
These three bytes set the full-scale calibration value.
FSC0: Full-Scale Calibration, Low Byte (Address 08h)
7
6
5
4
3
2
1
0
FSC07
FSC06
FSC05
FSC04
FSC03
FSC02
FSC01
FSC00
Reset value = 00h.
FSC1: Full-Scale Calibration, Mid Byte (Address 09h)
7
6
5
4
3
2
1
0
FSC15
FSC14
FSC13
FSC12
FSC11
FSC10
FSC09
FSC08
Reset value = 00h.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com