Electronic Components Datasheet Search
  English  ▼

X  

ADS1282 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1282 Datasheet HTML 1Page - Texas Instruments ADS1282 Datasheet HTML 2Page - Texas Instruments ADS1282 Datasheet HTML 3Page - Texas Instruments ADS1282 Datasheet HTML 4Page - Texas Instruments ADS1282 Datasheet HTML 5Page - Texas Instruments ADS1282 Datasheet HTML 6Page - Texas Instruments ADS1282 Datasheet HTML 7Page - Texas Instruments ADS1282 Datasheet HTML 8Page - Texas Instruments ADS1282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ELECTRICAL CHARACTERISTICS
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
Limit specifications at –40°C to +85°C. Typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK
(1) = 4.096MHz, VREFP = +2.5V,
VREFN = –2.5V, DVDD = +3.3V, CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
ADS1282
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
VIN = (AINP – AINN)
±VREF/2 × PGA
V
Absolute input range
AINP or AINN
AVSS + 0.7
AVDD – 1.25
V
PGA input voltage noise density
5
nV/
√Hz
Differential input impedance(2)
1
G
Ω
Common-mode input impedance
100
M
Ω
Input bias current
1
nA
Crosstalk
f = 31.25Hz
–135
dB
MUX on-resistance
30
Ω
PGA OUTPUT (CAPP, CAPN)
Absolute output range
AVSS + 0.4
AVDD – 0.4
V
PGA differential output impedance
600
Ω
Output impedance tolerance
±10
%
External bypass capacitance
10
100
nF
High-resolution mode
55
k
Ω
Modulator differential input impedance
Low-power mode
110
k
Ω
AC PERFORMANCE
High-resolution mode
120
124
Signal-to-noise ratio(3)
SNR
dB
Low-power mode
117
121
High-resolution mode
PGA = 1...16
–122
–114
PGA = 32
–117
–110
dB
PGA = 64
–115
Total harmonic distortion(4)
THD
Low-power mode
PGA = 1...16
–122
–114
PGA = 32
–113
–108
dB
PGA = 64
–109
Spurious-free dynamic
dB
SFDR
123
range
DC PERFORMANCE
Resolution
No missing codes
31
Bits
FIR filter mode
250
4000
SPS
Data rate
fDATA
Sinc filter mode
8000
128,000
SPS
Integral nonlinearity (INL)(5)
Differential input
0.00005
0.0004
% FSR(6)
Offset error
50
200
µV
Offset error after calibration(7)
Shorted input
1
µV
Offset drift
0.02
µV/°C
High-resolution mode
–1.5
–1.0
–0.5
%
Gain error(8)
Low-power mode
–1
–0.5
0
%
Gain error after calibration(7)
0.0002
%
(1)
fCLK = system clock.
(2)
Input impedance is improved by disabling input chopping (CHOP bit = 0).
(3)
VIN = 20mVDC/PGA, see Table 1.
(4)
VIN = 31.25Hz, –0.5dBFS.
(5)
Best-fit method.
(6)
FSR: Full-scale range = ±VREF/2 × PGA.
(7)
Calibration accuracy is on the level of noise reduced by 4 (calibration averages 16 readings).
(8)
The PGA output impedance and the modulator input impedance results in –1% systematic gain error (high-resolution mode) and –0.5%
error (low-power mode).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com