Electronic Components Datasheet Search
  English  ▼

X  

ADS62P22 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P22
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P22 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS62P22 Datasheet HTML 45Page - Texas Instruments ADS62P22 Datasheet HTML 46Page - Texas Instruments ADS62P22 Datasheet HTML 47Page - Texas Instruments ADS62P22 Datasheet HTML 48Page - Texas Instruments ADS62P22 Datasheet HTML 49Page - Texas Instruments ADS62P22 Datasheet HTML 50Page - Texas Instruments ADS62P22 Datasheet HTML 51Page - Texas Instruments ADS62P22 Datasheet HTML 52Page - Texas Instruments ADS62P22 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
www.ti.com
DIGITAL OUTPUT INFORMATION
Parallel CMOS Interface
DA0
DA1
DA2
DA3
DA10
DA11
CLKOUT
CMOS
OutputBuffers
12-BitChannel-A
Data
DB0
DB1
DB2
DB3
DB10
DB11
12-BitChannel-B
Data
B0287-02
·
·
·
·
·
·
Output Buffer Strength Programmability
ADS62P25, ADS62P24
ADS62P23, ADS62P22
SLAS576A – OCTOBER 2007 – REVISED FEBRUARY 2008
ADS62P2X provides 12 bit data per channel and a common output clock synchronized with the data. The output
interface can be either parallel CMOS or DDR LVDS voltage levels and can be selected using serial register bit
<OUTPUT INTERFACE> or parallel pin SEN.
In the CMOS mode, the output buffer supply (DRVDD) can be operated over a wide range from 1.8 V to 3.3 V
(typical). Each data bit is output on separate pin as CMOS voltage level, every clock cycle (see Figure 92).
For DRVDD > 2.2 V, it is recommended to use the CMOS output clock (CLKOUT) to latch data in the receiving
chip. The rising edge of CLKOUT can be used to latch data in the receiver, even at the highest sampling speed.
It is recommended to minimize the load capacitance seen by data and clock output pins by using short traces to
the receiver. Also, match the output data and clock traces to minimize the skew between them.
For DRVDD < 2.2 V, it is recommended to use external clock (for example, input clock delayed to get desired
setup/hold times).
Figure 92. CMOS Output Interface
Switching noise (caused by CMOS output data transitions) can couple into the analog inputs during the instant of
sampling and degrade the SNR. The coupling and SNR degradation increases as the output buffer drive is made
stronger. To minimize this, ADS62P2X CMOS output buffers are designed with controlled drive strength to get
best SNR. The default drive strength also ensures wide data stable window for load capacitances up to 5 pF and
DRVDD supply voltage > 2.2 V.
To ensure wide data stable window for load capacitance > 5 pF, there exists option to increase the output data
and clock drive strengths using the serial interface ( DATAOUT STRENGTH and CLKOUT STRENGTH). Note
that for DRVDD supply voltage < 2.2 V, it is recommended to use maximum drive strength (for any value of load
capacitance).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS62P25, ADS62P24 ADS62P23, ADS62P22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com