Electronic Components Datasheet Search
  English  ▼

X  

ADS6149 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6149
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS6149 Datasheet HTML 35Page - Texas Instruments ADS6149 Datasheet HTML 36Page - Texas Instruments ADS6149 Datasheet HTML 37Page - Texas Instruments ADS6149 Datasheet HTML 38Page - Texas Instruments ADS6149 Datasheet HTML 39Page - Texas Instruments ADS6149 Datasheet HTML 40Page - Texas Instruments ADS6149 Datasheet HTML 41Page - Texas Instruments ADS6149 Datasheet HTML 42Page - Texas Instruments ADS6149 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
68
69
70
71
72
73
74
75
76
Input Amplitude − dBFS
30
40
50
60
70
80
90
100
110
−60
−50
−40
−30
−20
−10
0
G049
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
fIN = 60 MHz
69
70
71
72
73
74
VCM − Common-Mode Voltage of Analog Inputs − V
82
84
86
88
90
92
1.35
1.40
1.45
1.50
1.55
1.60
1.65
fIN = 60 MHz
G050
SNR
SFDR
68
69
70
71
72
73
74
75
76
DRVDD − Supply Voltage − V
G052
80
82
84
86
88
90
92
94
96
1.6
1.7
1.8
1.9
2.0
SNR
SFDR
fIN = 60.1 MHz
AVDD = 3.3 V
68
69
70
71
72
73
74
75
76
AVDD − Supply Voltage − V
G051
80
82
84
86
88
90
92
94
96
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
SNR
SFDR
fIN = 60.1 MHz
DRVDD = 1.8 V
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS - ADS6129 (continued)
All plots are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 DBFS differential analog input, internal reference mode, 0 dB gain,
LVDS output interface (unless otherwise noted)
PERFORMANCE
PERFORMANCE
vs
vs
INPUT AMPLITUDE
INPUT COMMON-MODE VOLTAGE
Figure 61.
Figure 62.
PERFORMANCE
PERFORMANCE
vs
vs
AVDD SUPPLY
DRVDD SUPPLY
Figure 63.
Figure 64.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com