Electronic Components Datasheet Search
  English  ▼

X  

ADS6149 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6149
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS6149 Datasheet HTML 17Page - Texas Instruments ADS6149 Datasheet HTML 18Page - Texas Instruments ADS6149 Datasheet HTML 19Page - Texas Instruments ADS6149 Datasheet HTML 20Page - Texas Instruments ADS6149 Datasheet HTML 21Page - Texas Instruments ADS6149 Datasheet HTML 22Page - Texas Instruments ADS6149 Datasheet HTML 23Page - Texas Instruments ADS6149 Datasheet HTML 24Page - Texas Instruments ADS6149 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
D)
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
44
<CLKOUT POSN> Output clock position control
0
0
LVDS Interface
D7-D5
<CLKOUT POSN> Output clock rising edge position
000
Default output clock position (refer to timing specification table)
100
Default output clock position (refer to timing specification table)
101
Rising edge shifted by + (4/26)Ts
110
Rising edge aligned with data transition
111
Rising edge shifted by - (4/26)Ts
D4-D2
<CLKOUT POSN> Output clock falling edge position
000
Default output clock position (refer to timing specification table)
100
Default output clock position (refer to timing specification table)
101
Falling edge shifted by + (4/26)Ts
110
Falling edge aligned with data transition
111
Falling edge shifted by - (4/26)Ts
CMOS Interface
D7-D5
<CLKOUT POSN> Output clock rising edge position
000
Default output clock position (refer to timing specification table)
100
Default output clock position (refer to timing specification table)
101
Rising edge shifted by + (4/26)Ts
110
Rising edge shifted by + (6/26)Ts
111
Rising edge aligned with data transition
D4-D2
<CLKOUT POSN> Output clock falling edge position
000
Default output clock position (refer to timing specification table)
100
Default output clock position (refer to timing specification table)
101
Falling edge shifted by + (4/26)Ts
110
Falling edge shifted by + (6/26)Ts
111
Falling edge aligned with data transition
Ts = 1/Sampling Frequency
E)
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
50
0
0
0
0
0
<DATA FORMAT> 2s complement or offset binary
0
D2,D1
<DATA FORMAT>
00
DFS pin controls data format selection
10
2's complement
11
Offset binary
F)
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
51
<Custom Pattern>
52
0
0
<Custom Pattern>
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com