Electronic Components Datasheet Search
  English  ▼

X  

DG417 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG417
Description  Precision CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG417_08 Datasheet HTML 1Page - Vishay Siliconix DG417_08 Datasheet HTML 2Page - Vishay Siliconix DG417_08 Datasheet HTML 3Page - Vishay Siliconix DG417_08 Datasheet HTML 4Page - Vishay Siliconix DG417_08 Datasheet HTML 5Page - Vishay Siliconix DG417_08 Datasheet HTML 6Page - Vishay Siliconix DG417_08 Datasheet HTML 7Page - Vishay Siliconix DG417_08 Datasheet HTML 8Page - Vishay Siliconix DG417_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
DG417/418/419
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
www.vishay.com
1
Precision CMOS Analog Switches
FEATURES
•
± 15 V Analog Signal Range
•
On-Resistance - rDS(on): 20 Ω
•
Fast Switching Action - tON: 100 ns
•
Ultra Low Power Requirements - PD: 35 nW
•
TTL and CMOS Compatible
•
MiniDIP and SOIC Packaging
• 44 V Supply Max Rating
BENEFITS
•
Wide Dynamic Range
•
Low Signal Errors and Distortion
•
Break-Before-Make Switching Action
•
Simple Interfacing
•
Reduced Board Space
•
Improved Reliability
APPLICATIONS
•
Precision Test Equipment
•
Precision Instrumentation
•
Battery Powered Systems
•
Sample-and-Hold Circuits
•
Military Radios
•
Guidance and Control Systems
•
Hard Disk Drives
DESCRIPTION
The DG417/418/419 monolithic CMOS analog switches
were designed to provide high performance switching of
analog signals. Combining low power, low leakages, high
speed, low on-resistance and small physical size, the
DG417 series is ideally suited for portable and battery
powered industrial and military applications requiring high
performance and efficient use of board space.
To achieve high-voltage ratings and superior switching
performance, the DG417 series is built on Vishay Siliconix’s
high voltage silicon gate (HVSG) process. Break-before-
make is guaranteed for the DG419, which is an SPDT
configuration. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
The DG417 and DG418 respond to opposite control logic
levels as shown in the Truth Table.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
1
Dual-In-Line and SOIC
S
D
NC
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417
TRUTH TABLE
Logic
DG417
DG418
0
ON
OFF
1OFF
ON
1
Dual-In-Line and SOIC
D
S2
S1
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG419
TRUTH TABLE - DG419
Logic
SW1
SW2
0
ON
OFF
1OFF
ON
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG417_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG417AK MAXIM-DG417AK Datasheet
170Kb / 12P
Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
TEMIC Semiconductors
DG417AK TEMIC-DG417AK Datasheet
153Kb / 10P
Precision CMOS Analog Switches
DG417AK/883 TEMIC-DG417AK/883 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
More results

Similar Description - DG417_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
Precision CMOS Analog Switches
11-Aug-03
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com