Electronic Components Datasheet Search
  English  ▼

X  

DG417 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG417
Description  Precision CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG417_08 Datasheet HTML 1Page - Vishay Siliconix DG417_08 Datasheet HTML 2Page - Vishay Siliconix DG417_08 Datasheet HTML 3Page - Vishay Siliconix DG417_08 Datasheet HTML 4Page - Vishay Siliconix DG417_08 Datasheet HTML 5Page - Vishay Siliconix DG417_08 Datasheet HTML 6Page - Vishay Siliconix DG417_08 Datasheet HTML 7Page - Vishay Siliconix DG417_08 Datasheet HTML 8Page - Vishay Siliconix DG417_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
Vishay Siliconix
DG417/418/419
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.001
1
5
1
5
Ground Current
IGND
Room
Full
- 0.0001
- 1
- 5
- 1
- 5
SPECIFICATIONS FOR UNIPOLAR SUPPLIESa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
IS = - 10 mA, VD = 3.8 V
V+ = 10.8 V
Room
40
Ω
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF, VS = 8 V
See Switching Time Test Circuit
Room
110
ns
Turn-Off Time
tOFF
Room
40
Break-Before-Make
Time Delay
tD
DG419 Only
RL = 300 Ω, CL = 35 pF
Room
60
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 Ω
Room
5
pC
Power Supplies
Positive Supply
Current
I+
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
0.001
µA
Negative Supply
Current
I-
Room
- 0.001
Logic Supply
Current
IL
Room
0.001
Ground
Current
IGND
Room
- 0.001
SPECIFICATIONSa



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com