Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG401
Description  Low-Power, High-Speed CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG401 Datasheet HTML 1Page - Vishay Siliconix DG401 Datasheet HTML 2Page - Vishay Siliconix DG401 Datasheet HTML 3Page - Vishay Siliconix DG401 Datasheet HTML 4Page - Vishay Siliconix DG401 Datasheet HTML 5Page - Vishay Siliconix DG401 Datasheet HTML 6Page - Vishay Siliconix DG401 Datasheet HTML 7Page - Vishay Siliconix DG401 Datasheet HTML 8Page - Vishay Siliconix DG401 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70049
S-71155–Rev. H, 11-Jun-07
Vishay Siliconix
DG401/403/405
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Two SPDT Switches per Package
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
Two DPST Switches per Package
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
DG403
D1
S1
NC
Dual-In-Line and SOIC
IN1
D3
V-
S3
GND
S4
VL
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
D3
NC
V-
S2
S3
IN2
GND
NC
NC
D2
NC
NC
S4
S1
VL
IN1
D4
NC
V+
D1
Key
Top View
LCC
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG403
TRUTH TABLE
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1ON
OFF
DG405
D1
S1
NC
Dual-In-Line and SOIC
IN1
D3
V-
S3
GND
S4
VL
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
D3
NC
V-
S2
S3
IN2
GND
NC
NC
D2
NC
NC
S4
S1
VL
IN1
D4
NC
V+
D1
Key
Top View
LCC
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG405
TRUTH TABLE
Logic
Switch
0
OFF
1ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com