Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG401
Description  Low-Power, High-Speed CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG401 Datasheet HTML 1Page - Vishay Siliconix DG401 Datasheet HTML 2Page - Vishay Siliconix DG401 Datasheet HTML 3Page - Vishay Siliconix DG401 Datasheet HTML 4Page - Vishay Siliconix DG401 Datasheet HTML 5Page - Vishay Siliconix DG401 Datasheet HTML 6Page - Vishay Siliconix DG401 Datasheet HTML 7Page - Vishay Siliconix DG401 Datasheet HTML 8Page - Vishay Siliconix DG401 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 70049
S-71155–Rev. H, 11-Jun-07
Vishay Siliconix
DG401/403/405
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V– = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = - 10 mA, VD = ± 10 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
30
45
55
Ω
Δ Drain-Source
On-Resistance
Δr
DS(on)
IS = - 10 mA, VD = ± 5 V, 0 V
V+ = 16.5 V, V- = - 16.5 V
Room
Full
33
5
Switch Off Leakage Current
IS(off)
V+ = 16.5 V, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Hot
- 0.01
- 0.5
- 5
0.5
5
nA
ID(off)
Room
Hot
- 0.01
- 0.5
- 5
0.5
5
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
Room
Hot
- 0.04
- 1
- 10
1
10
Digital Control
Input Current VIN Low
IIL
VIN under test = 0.8 V
All Other = 2.4 V
Full
0.005
- 1
1
µA
Input Current VIN High
IIH
VIN under test = 2.4 V
All Other = 0.8 V
Full
0.005
- 1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
See Figure 2
Room
75
150
ns
Turn-Off Time
tOFF
Room
30
100
Break-Before-Make
Time Delay (DG403)
tD
RL = 300 Ω, CL = 35 pF
Room
35
5
Charge Injection
Q
CL = 10 nF
Vgen = 0 V, Rgen = 0 Ω
Room
60
pC
Off Isolation Reject Ratio
OIRR
RL = 100 Ω, CL = 5 pF
f = 1 MHz
Room
72
dB
Channel-to-Channel Crosstalk
XTALK
Room
90
Source Off Capacitance
CS(off)
f = 1 MHz, VS = 0 V
Room
12
pF
Drain Off Capacitance
CD(off)
Room
12
Channel On Capacitance
CD, CS(on)
Room
39
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.01
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.01
- 1
- 5
Logic Supply Current
IL
Room
Full
0.01
1
5
Ground Current
IGND
Room
Full
- 0.01
- 1
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com