Electronic Components Datasheet Search
  English  ▼

X  

DG2018DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2018DN
Description  Low Voltage, Dual DPDT and Quad SPDT Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2018DN Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2018DN Datasheet HTML 1Page - Vishay Siliconix DG2018DN Datasheet HTML 2Page - Vishay Siliconix DG2018DN Datasheet HTML 3Page - Vishay Siliconix DG2018DN Datasheet HTML 4Page - Vishay Siliconix DG2018DN Datasheet HTML 5Page - Vishay Siliconix DG2018DN Datasheet HTML 6Page - Vishay Siliconix DG2018DN Datasheet HTML 7Page - Vishay Siliconix DG2018DN Datasheet HTML 8Page - Vishay Siliconix DG2018DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG2018, DG2019
Document Number: 72342
S-82626-Rev. C, 03-Nov-08
www.vishay.com
1
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
FEATURES
•
Low voltage operation (1.8 V to 5.5 V)
•
Low on resistance
- RDS(on): 6 Ω at 2.7 V
•
Low voltage logic compatible
- DG2019: VINH = 1 V
•
High bandwidth: 180 MHz
• QFN-16 package
BENEFITS
•
Ideal for both analog and digital signal switching
•
Reduced power consumption
•
High accuracy
•
Reduced PCB space
•
Fast switching
•
Low leakage
APPLICATIONS
•
Cellular phones
•
Audio and video signal routing
•
PCMCIA cards
•
Battery operated systems
•
Portable instrumentation
DESCRIPTION
The DG2018 and DG2019 are low voltage, single supply
analog switches. The DG2018 is a dual double-pole/double-
throw (DPDT) with two control inputs that each controls a
pair of single-pole/double-throw (SPDT). The DG2019 uses
one control pin to operate four independent SPDT switches.
When operated on a + 3 V supply, the DG2018’s control pins
are compatible with 1.8 V digital logic. The DG2019 has an
available feature of a VL pin that allows a 1.0 V threshold for
the control pin when VL is powered with 1.5 V.
Built on Vishay Siliconix’s low voltage submicron CMOS
process, the DG2018 and DG2019 are ideal for high
performance switching of analog signals; providing low on-
resistance (6
Ω at + 2.7 V), fast speed (T
on, Toff at 42 ns and
16 ns), and a bandwidth that exceeds 180 MHz.
The DG2018 and DG2019 were designed to offer solutions
that extend beyond audio/video functions, to providing the
performance required for today’s demanding mixed-signal
switching in portable applications.
An epitaxial layer prevents latch-up. Brake-before-make is
guaranteed for all SPDT’s. All switches conduct equally well
in both directions when on, and blocks up to the power
supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
IN1, IN2
NO4
COM2
NO2
NC3
IN3, IN4
NC1
COM4
1
2
3
12
11
10
49
56
8
16
15
14
13
NC2
GND
NO3 COM3
COM1 NO1
V+
NC4
Top View
DG2018DN
QFN-16 (3 X 3)
7
TRUTH TABLE
IN1, IN2
Logic
NC1 and NC2
NO1 and NO2
0ON
OFF
1OFF
ON
IN3, IN4
Logic
NC3 and NC4
NO3 and NO4
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
QFN-16 (3 x 3 mm)
DG2018DN


Similar Part No. - DG2018DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2018DN VISHAY-DG2018DN Datasheet
154Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018DN-T1-E3 VISHAY-DG2018DN-T1-E3 Datasheet
154Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
More results

Similar Description - DG2018DN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
logo
Intersil Corporation
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
72342 VISHAY-72342 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Vishay Siliconix
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com