Electronic Components Datasheet Search
  English  ▼

X  

DG2018DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2018DN
Description  Low Voltage, Dual DPDT and Quad SPDT Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2018DN Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2018DN Datasheet HTML 1Page - Vishay Siliconix DG2018DN Datasheet HTML 2Page - Vishay Siliconix DG2018DN Datasheet HTML 3Page - Vishay Siliconix DG2018DN Datasheet HTML 4Page - Vishay Siliconix DG2018DN Datasheet HTML 5Page - Vishay Siliconix DG2018DN Datasheet HTML 6Page - Vishay Siliconix DG2018DN Datasheet HTML 7Page - Vishay Siliconix DG2018DN Datasheet HTML 8Page - Vishay Siliconix DG2018DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72342
S-82626-Rev. C, 03-Nov-08
www.vishay.com
3
Vishay Siliconix
DG2018, DG2019
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,
(DG2018 Only) VIN = 0.5 or 1.4 V
e
(DG2019 Only) VL = 1.5 V, VIN = 0.4 or 1.0 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 0.2 V/1.5 V
INO, INC = 10 mA
Room
Full
612
15
Ω
RON Flatness
RON
Flatness
V+ = 2.7 V
VCOM = 0 to V+, INO, INC = 10 mA
Room
0.5
2
RON Match Between
Channels
ΔR
ON
Room
0.6
3
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V, VNO, VNC = 0.3 V/3 V
VCOM = 3 V/0.3 V
Room
Full
- 1
- 10
0.3
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
0.3
1
10
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
10
0.3
1
10
Digital Control
Input High Voltage
VINH
DG2018
Full
1.4
V
VL = 1.5 V
DG2019
Full
1.0
Input Low Voltage
VINL
DG2018
Full
0.5
VL = 1.5 V
DG2019
Full
0.4
Input Capacitance
Cin
f = 1 MHz
Full
9
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2.0 V, RL = 300 Ω, CL = 35 pF
Room
Full
42
55
65
ns
Turn-Off Time
tOFF
Room
Full
16
25
35
Break-Before-Make Time
td
VNO or VNC = 2.0 V, RL = 50 Ω, CL = 35 pF
Full
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
- 1.46
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 67
dB
Crosstalkd
XTALK
Room
- 72
Bandwidthd
BW
Room
180
MHz
NO, NC Off Capacitance
d
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
9
pF
CNC(off)
Room
9
Channel-On Capacitanced
CNO(on)
Room
30
CNC(on
Room
30
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Full
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com