Electronic Components Datasheet Search
  English  ▼

X  

DG2521 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2521
Description  Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2521 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2521 Datasheet HTML 1Page - Vishay Siliconix DG2521 Datasheet HTML 2Page - Vishay Siliconix DG2521 Datasheet HTML 3Page - Vishay Siliconix DG2521 Datasheet HTML 4Page - Vishay Siliconix DG2521 Datasheet HTML 5Page - Vishay Siliconix DG2521 Datasheet HTML 6Page - Vishay Siliconix DG2521 Datasheet HTML 7Page - Vishay Siliconix DG2521 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG2520/DG2521
New Product
Document Number: 73898
S-61478–Rev. A, 07-Aug-06
www.vishay.com
1
Sub-
Ω, Low Voltage, SPDT Analog Switches
with Over Current Protection
FEATURES
•
1.8 to 5.5 V Single Supply Operation
•
Low Ron: Typical 0.4
Ω at 4.5 V
•
+ 1.6 V Logic Compatible
•
Over Current Protection
BENEFITS
•
High Linearity
•
Low Power Consumption
•
High Bandwidth
•
Full Rail Signal Swing Range
APPLICATIONS
•
USB/UART Signal Switching
•
Audio/Video Switching
•
Cellular Phone
•
Media Players
•
Modems
•
Hard Drives
•
PCMCIA
DESCRIPTION
The DG2520/DG2521 are low-voltage single single-pole/
double-throw monolithic CMOS analog switches. Designed
to operate from 1.8 V to 5.5 V power supply, the DG2520/
DG2521 provide low on-resistance (0.8
Ω), excellent on-
resistance matching (0.06
Ω) and flatness (0.2 Ω) over the
entire signal range.
The DG2520/DG2521 offers the advantage of high linearity
that reduces signal distortion, making ideal for audio, video,
and USB signal routing applications. Additionally, the
DG2520/DG2521 are 1.6 V logic compatible within the full
operation voltage range.
The DG2520/DG2521 offer over current protection. The pro-
tection circuitry activates when voltage drop across switch
reaches 0.6 V typical. A direct/sustained short circuit will
cause the switch to pulse on for typically less than 1 µs, then
turn off. The switch turns on after 5 ms. If the short circuit
condition remains, the switch turns off and on to produce
a pulsed output. The current limiting circuitry is not
instantaneous, and therefore will not activate when the out-
put charges a small 0.1 µF capacitor.
Built on Vishay Siliconix’s proprietary sub-micron high-den-
sity process, the DG2520/DG2521 brings low power con-
sumption at the same time as reduces PCB spacing with the
TSOP6 package
As a committed partner to the community and the environ-
ment, Vishay Siliconix manufactures this product with the
lead (Pb)-free device terminations. For analog switching
products manufactured with 100 % matte tin device termina-
tion, the lead (Pb)-free “- E3” suffix is being used as a desig-
nator.
FUNCTIONAL BLOCK DIAGRAM AND PIN
CONFIGURATION
DEVICE MARKING:
DG2520DV = F9xxx
DG2521DV = F0xxx
NO
COM
NC
1
2
3
6
5
Top View
IN
V+
GND
4
DG2520/2521
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
TSOP-6
DG2520DV-T1-E3
DG2521DV-T1-E3
RoHS
COMPLIANT


Similar Part No. - DG2521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2522 VISHAY-DG2522 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
DG2522 VISHAY-DG2522 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
DG2522 VISHAY-DG2522 Datasheet
185Kb / 10P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
Rev. B, 23-Feb-09
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
More results

Similar Description - DG2521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
01-Jan-07
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
0.25-Ω Low-Voltage Dual SPDT Analog Switch
30-Apr-07
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com