Electronic Components Datasheet Search
  English  ▼

X  

DG2521 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2521
Description  Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2521 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2521 Datasheet HTML 1Page - Vishay Siliconix DG2521 Datasheet HTML 2Page - Vishay Siliconix DG2521 Datasheet HTML 3Page - Vishay Siliconix DG2521 Datasheet HTML 4Page - Vishay Siliconix DG2521 Datasheet HTML 5Page - Vishay Siliconix DG2521 Datasheet HTML 6Page - Vishay Siliconix DG2521 Datasheet HTML 7Page - Vishay Siliconix DG2521 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vishay Siliconix
DG2520/DG2521
www.vishay.com
2
Document Number: 73898
S-61478–Rev. A, 07-Aug-06
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 7 mW/°C above 70 °C.
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 5 V leakage testing, not production tested.
ABSOLUTE MAXIMUM RATINGS
Reference to GND
Limit
Unit
V+
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any terminal)
± 50
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 200
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
TSOP-6c
570
mW
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V,
± 10 %,VIN = 0.4 or 1.8 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minc
Typb
Maxc
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.7 V, VCOM = 1.5 V
INO/NC = 100 mA
Room
Full
0.6
1.0
1.2
Ω
rON Flatness
rON
Flatness
V+ = 2.7 V, VCOM = 0, 0.75, 1.5 V
INO/NC = 100 mA
Room
Full
0.12
0.16
0.18
rON Match Between Channels
Δr
ON
V+ = 2.7 V, VCOM = 1.5 V
INO/NC = 100 mA
Full
0.06
Digital Control
Input High Voltaged
VINH
Full
1.8
V
Input Low Voltage
VINL
Full
0.4
Input Capacitance
CIN
Full
7
pF
Input Current
IINL or IINH
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time DG2520
tON
V+ = 2.7 V, VNO or VNC = 1.5 V
RL = 50 Ω, CL = 35 pF
Room
Full
30
45
60
ns
Turn-Off Time DG2520
tOFF
Room
Full
10
17
22
Break-Before-Make Time DG2520
tbbm
VNO or VNC = 1.5 V, RL = 50 Ω, CL = 35 pF
Full
1
25
Turn-On Time DG2521
tON
V+ = 2.7 V, VNO or VNC = 1.5 V
RL = 50 Ω, CL = 35 pF
Room
Full
18
25
40
Turn-Off Time DG2521
tOFF
Room
Full
25
45
55
Make-Before-Break Time DG2521
tmbb
VNO or VNC = 1.5 V, RL = 50 Ω, CL = 35 pF
Full
1
10
Charge Injectiond
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
115
pC
- 3 dB Bandwidth
BW
0 dBm, CL = 5 pF, RL = 50 Ω
Room
40
MHz
Off-Isolationd
OIRR
RL = 50 Ω, CL= 5 pF
f = 1 MHz
Room
- 51
dB
Crosstalkd
XTALK
f = 1 MHz
Room
- 57
NO, NC Off Capacitance
d
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
50
pF
CNC(off)
Room
50
Channel On Capacitanced
CNO(on)
Room
160
CNC(on)
Room
160
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Full
20
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com