Electronic Components Datasheet Search
  English  ▼

X  

DG2721 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2721 Datasheet HTML 1Page - Vishay Siliconix DG2721 Datasheet HTML 2Page - Vishay Siliconix DG2721 Datasheet HTML 3Page - Vishay Siliconix DG2721 Datasheet HTML 4Page - Vishay Siliconix DG2721 Datasheet HTML 5Page - Vishay Siliconix DG2721 Datasheet HTML 6Page - Vishay Siliconix DG2721 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 69950
S-81509-Rev. D, 30-Jun-08
www.vishay.com
5
Vishay Siliconix
DG2721
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
TEST CIRCUITS
Gain vs. Frequency, CL = 5 pF, V+ = 3.3 V
- 8
- 7
- 6
- 5
- 4
- 3
- 2
- 1
0
Frequency (MHz)
1
10
100
1000
10000
OFF Isolation, V+ = 3.3 V
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
Frequency (MHz)
1
10
100
1000
Crosstalk, V+ = 3.3 V
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
Frequency (MHz)
1
10
100
1000
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NC/NO
CL
35 pF
COM
Logic
Input
RL
50
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
R
L
R
L
R
ON
0.9 x VOUT
tr
5 ns
tf
5 ns
VINH
VINL
Ω
=
+
<
<
(
)
VOUT
COM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com