Electronic Components Datasheet Search
  English  ▼

X  

DG2721 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2721 Datasheet HTML 1Page - Vishay Siliconix DG2721 Datasheet HTML 2Page - Vishay Siliconix DG2721 Datasheet HTML 3Page - Vishay Siliconix DG2721 Datasheet HTML 4Page - Vishay Siliconix DG2721 Datasheet HTML 5Page - Vishay Siliconix DG2721 Datasheet HTML 6Page - Vishay Siliconix DG2721 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
DG2721
Document Number: 69950
S-81509-Rev. D, 30-Jun-08
www.vishay.com
1
> 500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
FEATURES
•
Wide operation voltage range
•
Low on-resistance, 5.7
Ω (typical at 3 V)
•
Low capacitance, 5.6 pF (typical)
•
- 3 dB high bandwidth with 5 pF load:
> 500 MHz (typical)
•
Low bit to bit skew: 40 pS (typical)
•
Low power consumption
•
Low logic threshold: V
•
Power down protection: COM1 and COM2 pins can
tolerate up to 5 V when V+ = 0 V
•
Logic (IN1 and IN2) above V+ tolerance
•
Latch-up current greater than 300 mA per JESD78
•
8 kV ESD protection (HBM)
•
Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm
x 0.55 mm)
APPLICATIONS
• Cellular phones
•
Portable media players
•PDA
•
Digital camera
•GPS
•
Notebook computer
•
TV, monitor, and set top box
• Radio
DESCRIPTION
DG2721 is a low Ron, high bandwidth analog switch
configured in dual SPDT.
It achieves 5.7
Ω switch on resistance, greater than
500 MHz - 3 dB bandwidth with 5 pF load, and a channel to
channel crosstalk and Isolation at - 49 dB.
Fabricated with high density sub micro CMOS process, the
DG2721
provides
low
parasitic
capacitance,
handles
bidirectional signal flow with minimized phase distortion.
Guaranteed 1.3 V logic high threshold makes it possible to
interface directly with low voltage MCUs.
The DG2721 is designed for a wide range of operating
voltages from 2.7 V to 4.3 V that can be driven directly from
one cell Li-ion battery. On-chip protection circuit protects
again fault events when signals at “com” pins goes beyond
V+.
Latch up current is greater than 300 mA, as per JESD78, and
its ESD tolerance exceeds 8 kV.
Packaged in ultra small miniQFN-10 (1.4 mm x 1.8 mm x
0.55 mm), it is ideal for portable high speed mix signal
switching application.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device termination. The miniQFN-10 package
has a nickel-palladium-gold device termination and is
represented by the lead (Pb)-free "-E4" suffix to the ordering
part number. The nickel-palladium-gold device terminations
meet all JEDEC standards for reflow and MSL rating.
As a further sign of Vishay Siliconix's commitment, the
DG2721 is fully RoHS complaint.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
1
2
Top View
COM2
V+
IN1
GND
IN2
COM1
miniQFN-10L
10
9
3
5
4
8
Pin 1: LONG LEAD
1
7
6
2
Device Marking: KX for DG2721
X = Date/Lot Traceability Code
(Top view)
Pin 1
KX
RoHS
COMPLIANT


Similar Part No. - DG2721

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2721 VISHAY-DG2721 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2721DN-T1-E4 VISHAY-DG2721DN-T1-E4 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
More results

Similar Description - DG2721

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
20-Mar-17
DG2515 VISHAY-DG2515_V01 Datasheet
176Kb / 9P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2723 VISHAY-DG2723_V01 Datasheet
156Kb / 10P
700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch
22-Dec-14
DG3157A VISHAY-DG3157A_V01 Datasheet
176Kb / 9P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection
25-Aug-08
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com