Electronic Components Datasheet Search
  English  ▼

X  

R8C25 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C25
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  525 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C25 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C25 Datasheet HTML 41Page - Renesas Technology Corp R8C25 Datasheet HTML 42Page - Renesas Technology Corp R8C25 Datasheet HTML 43Page - Renesas Technology Corp R8C25 Datasheet HTML 44Page - Renesas Technology Corp R8C25 Datasheet HTML 45Page - Renesas Technology Corp R8C25 Datasheet HTML 46Page - Renesas Technology Corp R8C25 Datasheet HTML 47Page - Renesas Technology Corp R8C25 Datasheet HTML 48Page - Renesas Technology Corp R8C25 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 525 page
background image
R8C/24 Group, R8C/25 Group
5. Resets
Rev.3.00
Feb 29, 2008
Page 28 of 485
REJ09B0244-0300
5.1
Hardware Reset
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the supply voltage
meets the recommended operating conditions, pins, CPU, and SFRs are all reset (refer to Table 5.2 Pin Functions
while RESET Pin Level is “L”). When the input level applied to the RESET pin changes from “L” to “H”, a
program is executed beginning with the address indicated by the reset vector. After reset, the low-speed on-chip
oscillator clock divided by 8 is automatically selected as the CPU clock.
Refer to 4. Special Function Registers (SFRs) for the state of the SFRs after reset.
The internal RAM is not reset. If the RESET pin is pulled “L” while writing to the internal RAM is in progress, the
contents of internal RAM will be undefined.
Figure 5.5 shows an Example of Hardware Reset Circuit and Operation and Figure 5.6 shows an Example of
Hardware Reset Circuit (Usage Example of External Supply Voltage Detection Circuit) and Operation.
5.1.1
When Power Supply is Stable
(1) Apply “L” to the RESET pin.
(2) Wait for 10
µs or more.
(3) Apply “H” to the RESET pin.
5.1.2
Power On
(1) Apply “L” to the RESET pin.
(2) Let the supply voltage increase until it meets the recommended operating conditions.
(3) Wait for td(P-R) or more to allow the internal power supply to stabilize (refer to 20. Electrical
Characteristics).
(4) Wait for 10
µs or more.
(5) Apply “H” to the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com