Electronic Components Datasheet Search
  English  ▼

X  

R8C25 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C25
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  525 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C25 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C25 Datasheet HTML 10Page - Renesas Technology Corp R8C25 Datasheet HTML 11Page - Renesas Technology Corp R8C25 Datasheet HTML 12Page - Renesas Technology Corp R8C25 Datasheet HTML 13Page - Renesas Technology Corp R8C25 Datasheet HTML 14Page - Renesas Technology Corp R8C25 Datasheet HTML 15Page - Renesas Technology Corp R8C25 Datasheet HTML 16Page - Renesas Technology Corp R8C25 Datasheet HTML 17Page - Renesas Technology Corp R8C25 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 525 page
background image
B - 1
NOTE:
1.
The blank regions are reserved. Do not access locations
in these regions.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
71
0005h
Processor Mode Register 1
PM1
71
0006h
System Clock Control Register 0
CM0
75
0007h
System Clock Control Register 1
CM1
76
0008h
0009h
000Ah
Protect Register
PRCR
100
000Bh
000Ch
Oscillation Stop Detection Register
OCD
77
000Dh
Watchdog Timer Reset Register
WDTR
129
000Eh
Watchdog Timer Start Register
WDTS
129
000Fh
Watchdog Timer Control Register
WDC
128
0010h
Address Match Interrupt Register 0
RMAD0
121
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
121
0014h
Address Match Interrupt Register 1
RMAD1
121
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
129
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control
Register 0
FRA0
78
0024h
High-Speed On-Chip Oscillator Control
Register 1
FRA1
78
0025h
High-Speed On-Chip Oscillator Control
Register 2
FRA2
79
0026h
0027h
0028h
Clock Prescaler Reset Flag
CPSRF
80
0029h
High-Speed On-Chip Oscillator Control
Register 4
FRA4
79
002Ah
002Bh
High-Speed On-Chip Oscillator Control
Register 6
FRA6
79
002Ch
High-Speed On-Chip Oscillator Control
Register 7
FRA7
79
0030h
0031h
Voltage Detection Register 1
VCA1
36
0032h
Voltage Detection Register 2
VCA2
36, 80
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
38
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
39
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
37
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
Timer RD0 Interrupt Control Register
TRD0IC
107
0049h
Timer RD1 Interrupt Control Register
TRD1IC
107
004Ah
Timer RE Interrupt Control Register
TREIC
106
004Bh
004Ch
004Dh
Key Input Interrupt Control Register
KUPIC
106
004Eh
A/D Conversion Interrupt Control Register
ADIC
106
004Fh
SSU/IIC Interrupt Control Register
SSUIC/IICIC
107
0050h
0051h
UART0 Transmit Interrupt Control Register
S0TIC
106
0052h
UART0 Receive Interrupt Control Register
S0RIC
106
0053h
UART1 Transmit Interrupt Control Register
S1TIC
106
0054h
UART1 Receive Interrupt Control Register
S1RIC
106
0055h
INT2 Interrupt Control Register
INT2IC
108
0056h
Timer RA Interrupt Control Register
TRAIC
106
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
106
0059h
INT1 Interrupt Control Register
INT1IC
108
005Ah
INT3 Interrupt Control Register
INT3IC
108
005Bh
005Ch
005Dh
INT0 Interrupt Control Register
INT0IC
108
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com