Electronic Components Datasheet Search
  English  ▼

X  

SH7125 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7125
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7125 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7125 Datasheet HTML 45Page - Renesas Technology Corp SH7125 Datasheet HTML 46Page - Renesas Technology Corp SH7125 Datasheet HTML 47Page - Renesas Technology Corp SH7125 Datasheet HTML 48Page - Renesas Technology Corp SH7125 Datasheet HTML 49Page - Renesas Technology Corp SH7125 Datasheet HTML 50Page - Renesas Technology Corp SH7125 Datasheet HTML 51Page - Renesas Technology Corp SH7125 Datasheet HTML 52Page - Renesas Technology Corp SH7125 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 29 of 750
REJ09B0243-0400
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
PC relative
Rn
Effective address is sum of PC and Rn.
PC
PC
+ Rn
Rn
+
PC + Rn
Immediate
#imm:8
8-bit immediate data imm of TST, AND, OR,
or XOR instruction is zero-extended.
#imm:8
8-bit immediate data imm of MOV, ADD, or
CMP/EQ instruction is sign-extended.
#imm:8
8-bit immediate data imm of TRAPA instruction
is zero-extended and multiplied by 4.
2.4.3
Instruction Formats
This section describes the instruction formats, and the meaning of the source and destination
operands. The meaning of the operands depends on the instruction code. The following symbols
are used in the table.
xxxx:
Instruction code
mmmm:
Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com