Electronic Components Datasheet Search
  English  ▼

X  

SH7125 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7125
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7125 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7125 Datasheet HTML 18Page - Renesas Technology Corp SH7125 Datasheet HTML 19Page - Renesas Technology Corp SH7125 Datasheet HTML 20Page - Renesas Technology Corp SH7125 Datasheet HTML 21Page - Renesas Technology Corp SH7125 Datasheet HTML 22Page - Renesas Technology Corp SH7125 Datasheet HTML 23Page - Renesas Technology Corp SH7125 Datasheet HTML 24Page - Renesas Technology Corp SH7125 Datasheet HTML 25Page - Renesas Technology Corp SH7125 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 774 page
background image
Section 1 Overview
Rev. 4.00 Jul. 25, 2008 Page 2 of 750
REJ09B0243-0400
Table 1.1
Features
Items
Specification
CPU
• Central processing unit with an internal 32-bit RISC (Reduced
Instruction Set Computer) architecture
• Instruction length: 16-bit fixed length for improved code efficiency
• Load-store architecture (basic operations are executed between
registers)
• Sixteen 32-bit general registers
• Five-stage pipeline
• On-chip multiplier: Multiplication operations (32 bits × 32 bits → 64 bits)
executed in two to five cycles
• C language-oriented 62 basic instructions
Note:
Some specifications on slot illegal instruction exception handling
in this LSI differ from those of the conventional SH-2. For details,
see section 5.8.4, Notes on Slot Illegal Instruction Exception
Handling.
Operating modes
• Operating modes
 Single chip mode
• Operating states
 Program execution state
 Exception handling state
• Power-down modes
 Sleep mode
 Software standby mode
 Module standby mode
User break controller
(UBC)
• Addresses, data values, type of access, and data size can all be set as
break conditions
• Supports a sequential break function
• Two break channels
On-chip ROM
• 128 kbytes (SH71253, SH71243)
• 64 kbytes (SH71252, SH71242)
• 32 kbytes (SH71241)
On-chip RAM
• 8 kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com