Electronic Components Datasheet Search
  English  ▼

X  

HD6433397F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD6433397F
Description  Single-Chip Microcomputer
PDF  747 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433397F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD6433397F Datasheet HTML 5Page - Renesas Technology Corp HD6433397F Datasheet HTML 6Page - Renesas Technology Corp HD6433397F Datasheet HTML 7Page - Renesas Technology Corp HD6433397F Datasheet HTML 8Page - Renesas Technology Corp HD6433397F Datasheet HTML 9Page - Renesas Technology Corp HD6433397F Datasheet HTML 10Page - Renesas Technology Corp HD6433397F Datasheet HTML 11Page - Renesas Technology Corp HD6433397F Datasheet HTML 12Page - Renesas Technology Corp HD6433397F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 747 page
background image
Notes on S-Mask Model
(Single-Power-Supply Specification)
There are two versions of the H8/3337F with on-chip flash memory: a dual-power-supply version
and a single-power-supply (S-mask) version. Points to be noted when using the H8/3337F single-
power-supply S-mask model are given below.
1.
Notes on Voltage Application
12 V must not be applied to the S-mask model (single-power-supply specification), as this may
permanently damage the device.
The flash memory programming power supply for the S-mask model (single-power-supply
specification) is V
CC. The programming power supply for the dual-power-supply model is the FVPP
pin (12 V), but the single-power-supply model (S-mask model) does not have an FV
PP pin.
Also, in boot mode, 12 V has to be applied to the MD
1 pin in the dual-power-supply model, but 12
V application is not necessary in the single-power-supply model (S-mask model).
The maximum rating of the MD
1 pin is VCC +0.3 V. Applying a voltage in excess of the
maximum rating will permanently damage the device.
Do not select the HN28F101 programmer setting for the S-mask model (single-power-supply
specification). If this setting is made by mistake, 12 V will be applied to the STBY pin, possibly
causing permanent damage to the device.
When using a PROM programmer to program the on-chip flash memory in the S-mask model
(single-power-supply specification), use a PROM programmer that supports Hitachi
microcomputer devices with 64-kbyte on-chip flash memory. Also, only use the specified socket
adapter. Using the wrong PROM programmer or socket adapter may damage the device.
The following PROM programmers support the S-mask model (single-power-supply
specification).
DATA I/O: UNISITE, 2900, 3900, etc.
Minato: 1892, 1891, 1890, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com