Electronic Components Datasheet Search
  English  ▼

X  

SH7055SF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH7055SF
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  1002 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7055SF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH7055SF Datasheet HTML 15Page - Renesas Technology Corp SH7055SF Datasheet HTML 16Page - Renesas Technology Corp SH7055SF Datasheet HTML 17Page - Renesas Technology Corp SH7055SF Datasheet HTML 18Page - Renesas Technology Corp SH7055SF Datasheet HTML 19Page - Renesas Technology Corp SH7055SF Datasheet HTML 20Page - Renesas Technology Corp SH7055SF Datasheet HTML 21Page - Renesas Technology Corp SH7055SF Datasheet HTML 22Page - Renesas Technology Corp SH7055SF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1002 page
background image
Rev.2.0, 07/03, page xix of xxxviii
Item
Page Revisions (See Manual for Details)
26.3.5 Advanced Timer Unit
Timing and Advance Pulse
Controller Timing
Table 26.10 Advanced Timer
Unit Timing and Advanced Pulse
Controller Timing
890
Conditions amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.
26.3.6 I/O Port Timing
Table 26.11 I/O Port Timing
892
Conditions amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.
26.3.7 Watchdog Timer Timing
Table 26.12 Watchdog Timer
Timing
893
Conditions amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.
26.3.8 Serial Communication
Interface Timing
Table 26.13 Serial
Communication Interface Timing
894
Conditions amended
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V
±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V,
AV
ref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to
125
°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing on-chip flash
memory, T
a = –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com