| Electronic Components Datasheet Search |
|
SH7280 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7280 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 1726 page ![]() Section 1 Overview Rev. 1.00 Jun. 26, 2008 Page 19 of 1692 REJ09B0393-0100 Classification Symbol I/O Name Function DrVCC Input USB power supply Power supply pin for the internal transceiver. Connect it to the 3.3-V power supply. DrVSS Input USB ground Ground pin for the internal transceiver. USD+, USD − I/O USB data USB data input/output pins. VBUS Input Cable connection monitor USB cable connection monitor input pin. Universal serial bus (USB) (only in SH7285 and SH7286) USPND Output Suspend state output Outputs a high level when the suspend state is entered. CTx0 Output Transmit data Transmit data pin for CAN bus. Controller area network (RCAN-ET) (only in SH7286) CRx0 Input Receive data Receive data pin for CAN bus. SCL I/O Serial clock pin Serial clock input/output pin. I 2C bus interface 3 (IIC3) (only in SH7285 and SH7286) SDA I/O Serial data pin Serial data input/output pin. AN11 to AN0 Input Analog input pins Analog input pins. Only AN7 to AN0 are available in the SH7285 and SH7243. ADTRG Input A/D conversion trigger input External trigger input pin for starting A/D conversion. AVCC Input Analog power supply Power supply pin for the A/D converter. Connect this pin to the system power supply (VCC) when the A/D converter is not used. AVREF Input Analog reference power supply Reference voltage pin for the A/D converter. AVSS Input Analog ground Ground pin for the A/D converter. Connect this pin to the system power supply (VSS) when the A/D converter is not used. A/D converter AVREFVSS Input Analog reference ground Reference ground pin for the A/D converter. Connect this pin to the system power supply (VSS) when the A/D converter is not used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |