Electronic Components Datasheet Search
  English  ▼

X  

SH7280 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7280
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7280 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7280 Datasheet HTML 51Page - Renesas Technology Corp SH7280 Datasheet HTML 52Page - Renesas Technology Corp SH7280 Datasheet HTML 53Page - Renesas Technology Corp SH7280 Datasheet HTML 54Page - Renesas Technology Corp SH7280 Datasheet HTML 55Page - Renesas Technology Corp SH7280 Datasheet HTML 56Page - Renesas Technology Corp SH7280 Datasheet HTML 57Page - Renesas Technology Corp SH7280 Datasheet HTML 58Page - Renesas Technology Corp SH7280 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1726 page
background image
Section 2 CPU
Rev. 1.00 Jun. 26, 2008 Page 25 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
14
BO
0
R/W
BO Bit
Indicates that a register bank has overflowed.
13
CS
0
R/W
CS Bit
Indicates that, in CLIP instruction execution, the value
has exceeded the saturation upper-limit value or fallen
below the saturation lower-limit value.
12 to 10 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
M
—
R/W
8
Q
—
R/W
M Bit
Q Bit
Used by the DIV0S, DIV0U, and DIV1 instructions.
7 to 4
I[3:0]
1111
R/W
Interrupt Mask Level
3, 2
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
S
—
R/W
S Bit
Specifies a saturation operation for a MAC instruction.
0
T
—
R/W
T Bit
True/false condition or carry/borrow bit
(2)
Global Base Register (GBR)
GBR is referenced as the base address in a GBR-referencing MOV instruction.
(3)
Vector Base Register (VBR)
VBR is referenced as the branch destination base address in the event of an exception or an
interrupt.
(4)
Jump Table Base Register (TBR)
TBR is referenced as the start address of a function table located in memory in a
JSR/N@@(disp8,TBR) table-referencing subroutine call instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com