Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 467Page - Renesas Technology Corp M16C/62A Datasheet HTML 468Page - Renesas Technology Corp M16C/62A Datasheet HTML 469Page - Renesas Technology Corp M16C/62A Datasheet HTML 470Page - Renesas Technology Corp M16C/62A Datasheet HTML 471Page - Renesas Technology Corp M16C/62A Datasheet HTML 472Page - Renesas Technology Corp M16C/62A Datasheet HTML 473Page - Renesas Technology Corp M16C/62A Datasheet HTML 474Page - Renesas Technology Corp M16C/62A Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Watchdog Timer
2-154
2.11.1 Overview of the watchdog timer usage
The watchdog timer can detect a runaway program using its 15-bit timer prescaler. The following is an
overview of the watchdog timer usage.
(1) Watchdog timer start procedure
When reset, the watchdog timer is in stopped state. Writing to the watchdog timer start register
initializes the watchdog timer to 7FFF16 and causes it to start performing a down count. The watchdog
timer, once started operating, cannot be stopped by any means other than stopping conditions.
(2) Watchdog timer stop conditions
The watchdog timer stops in any one of the following states:
(a) Period in which the CPU is in stopped state
(b) Period in which the CPU is in waiting state
(c) Period in which the microcomputer is in hold state
(3) Watchdog timer initialization
The watchdog timer is initialized to 7FFF16 in the cases given below, and begins a down count.
(a) When the watchdog timer writes to the watchdog timer start register while a count is in progress
(b) When the watchdog timer underflows
(4) Runaway detection
When the watchdog timer underflows, a watchdog timer interrupt occurs. In writing a program, write to
the watchdog timer start register before the watchdog timer underflows. The watchdog timer interrupt
occurs regardless of the status of the interrupt enable flag (I flag). In processing a watchdog timer
interrupt, set the software reset bit to “1” to reset software.
(5) Watchdog timer cycle
The watchdog timer cycle varies depending on the BCLK and the frequency division ratio of the
prescaler selected.
2.11 Watchdog Timer Usage
CM07
CM06
CM17
CM16
BCLK
WDC7
Period
0
0
0
0
0
1
00
016MHz
00
1
8MHz
01
0
4MHz
01
1
1MHz
1
Invalid
Invalid
2MHz
Invalid
Invalid
Invalid
32kHz
0
1
0
1
0
1
0
1
0
1
Invalid
Approx. 32.8ms (Note)
Approx. 262.1ms (Note)
Approx. 65.5ms (Note)
Approx. 524.3ms (Note)
Approx. 131.1ms (Note)
Approx. 1.049s (Note)
Approx. 524.3ms (Note)
Approx. 4.194s (Note)
Approx. 262.1ms (Note)
Approx. 2.097s (Note)
Approx. 2s (Note)
Note: An error due to the prescaler occurs.
Table 2.11.1. The watchdog timer cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com