Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 580 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 580 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 576Page - Renesas Technology Corp M16C/62A Datasheet HTML 577Page - Renesas Technology Corp M16C/62A Datasheet HTML 578Page - Renesas Technology Corp M16C/62A Datasheet HTML 579Page - Renesas Technology Corp M16C/62A Datasheet HTML 580Page - Renesas Technology Corp M16C/62A Datasheet HTML 581Page - Renesas Technology Corp M16C/62A Datasheet HTML 582Page - Renesas Technology Corp M16C/62A Datasheet HTML 583Page - Renesas Technology Corp M16C/62A Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
2-263
e
m
a
n
n
i
PU
/
T
U
O
4
A
T
/
0
8
P.
o
N
n
i
P)
P
F
(
2
2)
P
G
(
0
2
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
2
F
3
,
0h
E
F
3
,
0h
A
9
3
,
4h
A
9
3
,
2h
4
8
3
,
7h
8
4
3
,
2
T
U
O
4
A
TO
t
u
p
t
u
o
e
s
l
u
PX
X
X
1
0
0
1
8
7
-
1
T
U
O
4
A
TI
t
u
p
n
i
t
c
e
l
e
s
y
t
i
r
a
l
o
p
n
w
o
d
/
p
U
0
X
1
000
8
7
-
1
T
U
O
4
A
TI
t
u
p
n
i
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
T0
X
1
0
1
0
8
7
-
1
UO
t
u
p
t
u
o
e
s
a
h
p
U
X
XXXX
1
6
9
-
1
0
8
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
X
000
3
6
1
-
1
0
8
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
1
X
000
3
6
1
-
1
0
8
PO
t
u
p
t
u
o
t
r
o
P
1
X
X
000
3
6
1
-
1
h
2
F
3
,
0r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
0
8
P
t
r
o
P
8
6
1
-
1
h
E
F
3
,
0r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
8
P
o
t
0
8
P
0
7
1
-
1
h
A
9
3
,
4r
e
t
s
i
g
e
r
e
d
o
m
4
A
r
e
m
i
t
f
o
4
t
i
B
0
8
-
1
h
A
9
3
,
2r
e
t
s
i
g
e
r
e
d
o
m
4
A
r
e
m
i
t
f
o
2
t
i
B
0
8
-
1
h
4
8
3
,
7
g
a
l
f
n
w
o
d
/
p
u
f
o
t
i
b
t
c
e
l
e
s
g
n
i
s
s
e
c
o
r
p
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
t
4
A
r
e
m
i
T
1
8
-
1
h
8
4
3
,
2t
i
b
t
c
e
l
e
s
e
d
o
m
e
s
a
h
p
e
e
r
h
T
6
9
-
1
.
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
t
g
n
i
s
s
e
c
o
r
p
n
e
h
w
e
s
u
e
b
t
o
n
n
a
C
:
1
k
r
a
m
e
R
e
m
a
n
n
i
PN
I
3
A
T
/
7
7
P.
o
N
n
i
P)
P
F
(
3
2)
P
G
(
1
2
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
F
E
3
,
7h
D
F
3
,
7h
3
8
3
,
5h
3
8
3
,
4h
9
9
3
,
4
N
I
3
A
TI
t
u
p
n
i
l
e
v
e
l
n
o
i
t
c
n
u
f
e
t
a
G0
X
0
0
1
8
7
-
1
N
I
3
A
TI
t
u
p
n
i
e
c
r
u
o
s
t
n
u
o
C0
X
0
0
X
8
7
-
1
N
I
3
A
TI
t
u
p
n
i
r
e
g
g
i
r
t
l
a
n
r
e
t
x
E0
X
0
0
1
8
7
-
1
7
7
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
XXX
3
6
1
-
1
7
7
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
1
XXX
3
6
1
-
1
7
7
PO
t
u
p
t
u
o
t
r
o
P
1
XXXX
3
6
1
-
1
h
F
E
3
,
7r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
7
7
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
7r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
7
P
o
t
4
7
P
0
7
1
-
1
h
3
8
3
,
5r
e
t
s
i
g
e
r
t
c
e
l
e
s
r
e
g
g
i
r
t
f
o
t
i
b
t
c
e
l
e
s
r
e
g
g
i
r
t
/
t
n
e
v
e
3
A
r
e
m
i
T
2
8
-
1
h
3
8
3
,
4r
e
t
s
i
g
e
r
t
c
e
l
e
s
r
e
g
g
i
r
t
f
o
t
i
b
t
c
e
l
e
s
r
e
g
g
i
r
t
/
t
n
e
v
e
3
A
r
e
m
i
T
2
8
-
1
h
9
9
3
,
4r
e
t
s
i
g
e
r
e
d
o
m
3
A
r
e
m
i
t
f
o
4
t
i
B
0
8
-
1
e
m
a
n
n
i
PT
U
O
3
A
T
/
6
7
P.
o
N
n
i
P)
P
F
(
4
2)
P
G
(
2
2
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
F
E
3
,
6h
D
F
3
,
7h
9
9
3
,
4h
9
9
3
,
2h
4
8
3
,
6
T
U
O
3
A
TO
t
u
p
t
u
o
e
s
l
u
PX
X
X
1
0
1
8
7
-
1
T
U
O
3
A
TI
t
u
p
n
i
t
c
e
l
e
s
y
t
i
r
a
l
o
p
n
w
o
d
/
p
U0
X
1
0
0
8
7
-
1
T
U
O
3
A
TI
t
u
p
n
i
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
T0
X
1
0
1
8
7
-
1
6
7
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
0
0
3
6
1
-
1
6
7
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
0
0
3
6
1
-
1
6
7
PO
t
u
p
t
u
o
t
r
o
P1
X
X
0
0
3
6
1
-
1
h
F
E
3
,
6r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
6
7
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
7r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
7
P
o
t
4
7
P
0
7
1
-
1
h
9
9
3
,
4r
e
t
s
i
g
e
r
e
d
o
m
3
A
r
e
m
i
t
f
o
4
t
i
B
0
8
-
1
h
9
9
3
,
2r
e
t
s
i
g
e
r
e
d
o
m
3
A
r
e
m
i
t
f
o
2
t
i
B
0
8
-
1
h
4
8
3
,
6
g
a
l
f
n
w
o
d
/
p
u
f
o
t
i
b
t
c
e
l
e
s
g
n
i
s
s
e
c
o
r
p
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
t
3
A
r
e
m
i
T
1
8
-
1
.
l
a
n
g
i
s
e
s
l
u
p
e
s
a
h
p
-
o
w
t
g
n
i
s
s
e
c
o
r
p
n
e
h
w
e
s
u
e
b
t
o
n
n
a
C
:
1
k
r
a
m
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com