Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 219Page - Renesas Technology Corp M16C/62A Datasheet HTML 220Page - Renesas Technology Corp M16C/62A Datasheet HTML 221Page - Renesas Technology Corp M16C/62A Datasheet HTML 222Page - Renesas Technology Corp M16C/62A Datasheet HTML 223Page - Renesas Technology Corp M16C/62A Datasheet HTML 224Page - Renesas Technology Corp M16C/62A Datasheet HTML 225Page - Renesas Technology Corp M16C/62A Datasheet HTML 226Page - Renesas Technology Corp M16C/62A Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
GZZ-SH13-37B<96A0>
MITSUBISHI ELECTRIC-CHIP 16-BIT
MICROCOMPUTER M30620MAA-XXXFP/GP
MASK ROM CONFIRMATION FORM
Mask ROM number
1-204
(2) Which kind of XCIN-XCOUT oscillation circuit is used?
Ceramic resonator
Quartz-crystal oscillator
External clock input
Other (
)
What frequency do not use?
f(XCIN) =
kHZ
(3) Which operation mode do you use?
Single-chip mode
Memory expansion mode
Microprocessor mode
(4) Which operating supply voltage do you use?
(Circle the operating voltage range of use)
2.4
2.7
3.0
3.3
3.5
3.8
4.0
4.2
4.5
4.7
5.0
5.3
5.5
5.7
(5) Which operating ambient temperature do you use?
(Circle the operating temperature range of use)
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
(V)
(
°C)
(6) Do you use I2C (Inter IC) bus function?
Not use
Use
(7) Do you use IE (Inter Equipment) bus function?
Not use
Use
Thank you cooperation.
❈4. Special item (Indicate none if there is not specified item)