Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 100Page - Renesas Technology Corp SH7286 Datasheet HTML 101Page - Renesas Technology Corp SH7286 Datasheet HTML 102Page - Renesas Technology Corp SH7286 Datasheet HTML 103Page - Renesas Technology Corp SH7286 Datasheet HTML 104Page - Renesas Technology Corp SH7286 Datasheet HTML 105Page - Renesas Technology Corp SH7286 Datasheet HTML 106Page - Renesas Technology Corp SH7286 Datasheet HTML 107Page - Renesas Technology Corp SH7286 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 74 of 1692
REJ09B0393-0100
FRQCR:
MCLKCR:
ACLKCR:
STBCR:
STBCR2:
[Legend]
Frequency control register
MTU2S clock frequency control register
AD clock frequency control register
Standby control register
Standby control register 2
STBCR3:
STBCR4:
STBCR5:
STBCR6:
OSCCR:
Standby control register 3
Standby control register 4
Standby control register 5
Standby control register 6
Oscillation stop detection control register
FRQCR
MCLKCR
ACLKCR
Bus interface
CK
CPG control unit
Clock frequency
control circuit
Standby control circuit
EXTAL
XTAL
PLL circuit
(
×8)
Divider
MTU2S clock
(M
φ, Max. 100 MHz)
AD clock
(A
φ, Max. 50 MHz)
Internal clock
(I
φ, Max. 100 MHz)
Peripheral clock
(P
φ, Max. 50 MHz)
Bus clock
(B
φ = CK, Max. 50 MHz)
OSCCR
Crystal
oscillator
Oscillation
stop detection
circuit
Oscillation stop
detection
On-chip oscillator
HPB bus
STBCR
STBCR6
STBCR2
STBCR3
STBCR4
STBCR5
×1
×1/2
×1/4
×1/8
Oscillator
USBXTAL*
USBEXTAL*
USB clock
*
(U
φ :48MHz)
Note: * Not applied to the SH7243
Figure 4.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com